Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6180 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAS6180
Description  CMOS QVGA DIGITAL IMAGE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6180 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAS6180 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PixArt Imaging Inc.
PAS6180
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/05/12
2
67
103 R_MTK_SPI_OutEn
[0]
0x00 (ISP2_UpdateFlag=1, update )
2
69
105 R_Brightness_LL[7:0]
[7:0]
0x00 Brightness @ Low Light
2
6A 106 R_Brightness_NL[7:0]
[7:0]
0x00 Brightness @ Normal Light
2
6B 107 R_MTK_SPI_En
[0]
0x00 output data coded by mtk spi
2
6B 107 R_MTK_SPI_ClkInv
[2]
0x00 0=neg latch, 1=pos latch
2
6B 107 R_MTK_SPI_MSBfirst
[3]
0x00 Byte transmission from MSB
2
6B 107
R_MTK_SPI_DataParallelism
[1:0]
[5:4]
0x00 0=1bit, 1=2bit
2
6C 108
R_MTK_SPI_SyncCode_Bit_
07_00[7:0]
[7:0]
0xff sync code; fix 0xff
2
6D 109
R_MTK_SPI_SyncCode_Bit_
15_08[7:0]
[7:0]
0xff sync code; fix 0xff
2
6E 110
R_MTK_SPI_SyncCode_Bit_
23_16[7:0]
[7:0]
0xff sync code; fix 0xff
2
6F
111 R_MTK_SPI_VSIZE[8]
[0]
0x01 image vsize to mtk spi
2
70
112 R_MTK_SPI_VSIZE[7:0]
[7:0]
0x40 image vsize to mtk spi
2
71
113 R_MTK_SPI_HSIZE[8]
[0]
0x00 image hsize to mtk spi
2
72
114 R_MTK_SPI_HSIZE[7:0]
[7:0]
0xf0 image hsize to mtk spi
2
73
115
R_MTK_SPI_Header_Delay
[4:0]
[4:0]
0x04 Cycle Interval between any two header bytes
2
9B 155 R_ISP_WOI_HSize[8]
[0]
0x02 WOIa Hsize
2
9C 156 R_ISP_WOI_HSize[7:0]
[7:0]
0x80 WOIa Hsize
2
9D 157 R_ISP_WOI_VSize[8]
[0]
0x01 WOIa Vsize
2
9E 158 R_ISP_WOI_VSize[7:0]
[7:0]
0xe0 WOIa Vsize
2
9F
159 R_ISP_WOI_HOffset[8]
[0]
0x00 WOIa Hoffset
2
A0 160 R_ISP_WOI_HOffset[7:0]
[7:0]
0x00 WOIa Hoffset
2
A1 161 R_ISP_WOI_VOffset[8]
[0]
0x00 WOIa Voffset
2
A2 162 R_ISP_WOI_VOffset[7:0]
[7:0]
0x00 WOIa Voffset
2
A3 163 R_ScalingFIFO_En
[0]
0x01 (ISP2_UpdateFlag=1, update )
2
A4 164 R_ScalingFIFO_Out_NP[4:0]
[4:0]
0x02 (ISP2_UpdateFlag=1, update )
2
A5 165 R_Ptr_ScalingFIFO[8]
[0]
0x00 (ISP2_UpdateFlag=1, update )
2
A6 166 R_Ptr_ScalingFIFO[7:0]
[7:0]
0x02 (ISP2_UpdateFlag=1, update )
2
A8 168 R_FIFO_Hsync[8]
[0]
0x00 ==(Hsize_sen+nov)*IN_NP*3/4 - Hsize_out*OUT_NP
2
A9 169 R_FIFO_Hsync[7:0]
[7:0]
0x20 ==(Hsize_sen+nov)*IN_NP*3/4 - Hsize_out*OUT_NP
2
AA 170 R_FIFO_HSize[8]
[0]
0x02 FIFO output hsize (ISP2_UpdateFlag=1, update )
2
AB 171 R_FIFO_HSize[7:0]
[7:0]
0x80 FIFO output hsize (ISP2_UpdateFlag=1, update )
2
AD 173 R_DummyPix_End[4:0]
[4:0]
0x00 number of dummy pixel inserted in the end of line
2
AE 174 R_DummyPix_Front[4:0]
[4:0]
0x00 number of dummy pixel inserted in the front of line
2
B0 176 R_Scaler_X_En
[7]
0x00
Scaling Down X Enable
(ISP2_UpdateFlag=1, update )
2
B0 176 R_ScaleDenr_X[5:0]
[5:0]
0x00
Scaling Down 16/x , 15<x<63
(ISP2_UpdateFlag=1, update )
2
B1 177 R_Scaler_Y_En
[7]
0x00
Scaling Down Y Enable
(ISP2_UpdateFlag=1, update )
2
B1 177 R_ScaleDenr_Y[5:0]
[5:0]
0x00
Scaling Down 16/x , 15<x<63
(ISP2_UpdateFlag=1, update )
2
B2 178 R_EncDecimationNo_X[3:0]
[3:0]
0x00
ISP decimation no in X-direction
(ISP_Zoom_UpdateFlag=1, update )
2
B2 178 R_EncDecimationNo_Y[3:0]
[7:4]
0x00
ISP decimation no in Y-direction
(ISP_Zoom_UpdateFlag=1, update)
2
B4 180 R_ISP_WOIb_HSize[8]
[0]
0x02 WOIb Hsize
2
B5 181 R_ISP_WOIb_HSize[7:0]
[7:0]
0x80 WOIb Hsize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com