Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6180 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAS6180
Description  CMOS QVGA DIGITAL IMAGE SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6180 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS6180 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PixArt Imaging Inc.
PAS6180
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/05/12
0
94
148 R_ISP_ImgEffect_En
[0]
0x00 (ISP_UpdateFlag=1, update )
0
97
151 R_Shading_EnH
[4]
0x01 Lens shading enable
0
98
152 R_VFLIP
[4]
0x00 Vertical flip
0
98
152 R_HFLIP
[5]
0x00 Horizontal flip
0
99
153 R_OffsetX_R[6:0]
[6:0]
0x00
Horizontal distances between shading center and
sensor array center of R-channel,
MSB:sign bit, -63~+63
0
9A 154 R_OffsetY_R[6:0]
[6:0]
0x00
Vertical distances between shading center and
sensor array center of R-channel,
MSB:sign bit, -63~+63
0
9B 155 R_OffsetX_G[6:0]
[6:0]
0x00
Horizontal distances between shading center and
sensor array center of G-channel,
MSB:sign bit, -63~+63
0
9C 156 R_OffsetY_G[6:0]
[6:0]
0x00
Vertical distances between shading center and
sensor array center of G-channel,
MSB:sign bit, -63~+63
0
9D 157 R_OffsetX_B[6:0]
[6:0]
0x00
Horizontal distances between shading center and
sensor array center of B-channel,
MSB:sign bit, -63~+63
0
9E 158 R_OffsetY_B[6:0]
[6:0]
0x00
Vertical distances between shading center and
sensor array center of B-channel,
MSB:sign bit, -63~+63
0
9F
159 R_LSC_R1[5:0]
[5:0]
0x00 Quartic parameter of R-channel
0
A0 160 R_LSC_G1[5:0]
[5:0]
0x00 Quartic parameter of G-channel
0
A1 161 R_LSC_B1[5:0]
[5:0]
0x00 Quartic parameter of B-channel
0
A2 162 R_LSC_R2[5:0]
[5:0]
0x38 Square parameter of R-channel
0
A3 163 R_LSC_G2[5:0]
[5:0]
0x38 Square parameter of G-channel
0
A4 164 R_LSC_B2[5:0]
[5:0]
0x38 Square parameter of B-channel
0
A5 165 R_LSFT_1[2:0]
[2:0]
0x05 Shading accuracy shift bit1
0
A6 166 R_LSFT_2[1:0]
[1:0]
0x00 Shading accuracy shift bit2
0
A7 167 R_LSFT_3[2:0]
[2:0]
0x02 Shading accuracy shift bit3
0
E0 224 R_ISP_HSize[7:0]
[7:0]
0x80
ISP output Horizontal size
(before skip function)
0
E1 225 R_ISP_HSize[8]
[0]
0x02
ISP output Horizontal size
(before skip function)
0
E2 226 R_ISP_VSize[7:0]
[7:0]
0xe0
ISP output Vertical size
(before skip function)
0
E3 227 R_ISP_Vsize[8]
[0]
0x01
ISP output Vertical size
(before skip function)
0
EB 235 R_SwTristate
[0]
0x00 Sw Tristate
0
EC 236 SW_CSB_suspend
[0]
0x00 1 : suspend
0
ED 237 ISP_Update
[0]
0x00 ISP_UpdateFlag
0
ED 237 ISP_FrameSkip
[4]
0x00 (ISP_UpdateFlag=1, update )
0
EF 239 R_RegBankSel
[2:0]
0x00
Register Bank Select
0: ISP1 Register Bank (default)
1: Sensor Register Bank
2: ISP2 Register Bank
2
0
0 ISP2_Update
[0]
0x00 ISP2_UpdateFlag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com