Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6371 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAS6371
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6371 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAS6371 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PixArt Imaging Inc.
PAS6371LT
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1,
2008/04/09
5.
Registers
Register Table
Bank0 (set address_0xEF=0)
Address (Hex)
Register name
Default
Description
-
I2C Slave ID for Write cycle
0x80
I2C Slave ID for Write cycle
-
I2C Slave ID for Read cycle
0x81
I2C Slave ID for Read cycle
00
[7:0] PartID[15:8]
0x63
Part ID
01
[7:0] PartID[7:0]
0x71
Part ID
02
[3:0] VersionID[3:0]
0x00
VersionID
03
[7:0] Reserved
xx
Reserved
04
[4:0] AE_stage_indoor[4:0]
0x0c
Min. AE stage clamp in door
05
[7:0] Reserved
0x01
Reserved
06
[0]
in_door
0x00
AE In door enable
07 - 0C
[7:0] Reserved
0x00
Reserved
[2:0] AWB_RegionWeight_C[2:0]
0x01
Weighting of AWB region C
0D
[6:4] AWB_RegionWeight_B[2:0]
0x01
Weighting of AWB region B
0E
[2:0] AWB_RegionWeight_A[2:0]
0x01
Weighting of AWB region A
0F
[7:0] AWB_Window_X[7:0]
0x90
AWB window width
10
[2:0] AWB_Window_X[10:8]
0x01
AWB window width
11
[7:0] AWB_Window_Y[7:0]
0x2c
AWB window height
12
[2:0] AWB_Window_Y[10:8]
0x01
AWB window height
13 - 14
[7:0] Reserved
xx
Reserved
15
[7:0] AE_Window_X[7:0]
0x90
AE window width
16
[2:0] AE_Window_X[10:8]
0x01
AE window width
17
[7:0] AE_Window_Y[7:0]
0x2c
AE window height
18
[2:0] AE_Window_Y[10:8]
0x01
AE window height
19 - 25
[7:0] Reserved
xx
Reserved
26
[0]
CCMb_En
0x01
Color Correction Matrix enable
(ISP_UpdateFlag=1, update )
27
[7:0] CCMb0_0
0x4c
Color Correction Matrix coefficient unsigned 8bit,
2.6 format, 0~+4
(ISP_UpdateFlag=1, update )
28
[7:0] CCMb0_1
0xf4
Color Correction Matrix coefficient signed
7bit,
1.6 format, -2~0~+2
(ISP_UpdateFlag=1, update )
29
[7:0] CCMb0_2
0x00
Color Correction Matrix coefficient signed
7bit,
1.6 format, -2~0~+2
(ISP_UpdateFlag=1, update )
2A
[7:0] CCMb1_0
0xf2
Color Correction Matrix coefficient signed
7bit,
1.6 format, -2~0~+2
(ISP_UpdateFlag=1, update )
2B
[7:0] CCMb1_1
0x66
Color Correction Matrix coefficient unsigned 8bit,
2.6 format, 0~+4
(ISP_UpdateFlag=1, update )
2C
[7:0] CCMb1_2
0xe8
Color Correction Matrix coefficient signed
7bit,
1.6 format, -2~0~+2
(ISP_UpdateFlag=1, update )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com