Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6371 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAS6371
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6371 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAS6371 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 16Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 17Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PixArt Imaging Inc.
PAS6371LT
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1,
2008/04/09
99
[6:0] BYcoef_D
0x1f
Y coefficient of color B
9A
[6:0] BXcoef_R
0x1f
X coefficient of color B
9B
[6:0] BYcoef_U
0x1f
Y coefficient of color B
9C
[6:0] BXcoef_L
0x1f
X coefficient of color B
9D
[6:0] GbYcoef_D
0x1f
Y coefficient of color Gb
9E
[6:0] GbXcoef_R
0x1f
X coefficient of color Gb
9F
[6:0] GbYcoef_U
0x1f
Y coefficient of color Gb
A0
[6:0] GbXcoef_L
0x1f
X coefficient of color Gb
A1
[6:0] GrYcoef_D
0x1f
Y coefficient of color Gr
A2
[6:0] GrXcoef_R
0x1f
X coefficient of color Gr
A3
[6:0] GrYcoef_U
0x1f
Y coefficient of color Gr
A4
[6:0] GrXcoef_L
0x1f
X coefficient of color Gr
A5
[6:0] RYcoef_D
0x1f
Y coefficient of color R
A6
[6:0] RXcoef_R
0x1f
X coefficient of color R
A7
[6:0] RYcoef_U
0x1f
Y coefficient of color R
A8
[6:0] RXcoef_L
0x1f
X coefficient of color R
A9
[7:0] brightestX[7:0]
0x40
brightest X
AA
[1:0] brightestX[9:8]
0x01
brightest X
AB
[7:0] brightestY[7:0]
0xf0
brightest Y
AC
[1:0] brightestY[9:8]
0x00
brightest Y
B9
[2:0] LensShfBit[2:0]
0x00
Lens Shift Bit select
BD - BE [7:0] Reserved
xx
Reserved
BF
[7:0] Ycap8bit
0x00
Y sum report
[5:0] Reserved
xx
Reserved
[6]
AWB_EnH_vs
0x00
AWB enable sync by vsync
C0
[7]
AE_EnH_vs
0x00
AE enable sync by vysnc
C1 - D4 [7:0] Reserved
xx
Reserved
D7
[7:0] ISP_HSize[7:0]
0xe0
ISP output Horizontal size
(before skip function)
D8
[2:0] ISP_HSize[10:8]
0x01
ISP output Horizontal size
(before skip function)
D9
[7:0] ISP_VSize[7:0]
0x68
ISP output Vertical size
(before skip function)
DA
[2:0] ISP_VSize[10:8]
0x01
ISP output Vertical size
(before skip function)
DB – E6 [7:0] Reserved
xx
Reserved
[0]
ISP_Update
ISP_UpdateFlag
ED
[7:1] Reserved
xx
Reserved
EE
[7:0] Reserved
xx
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com