Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6371 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAS6371
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6371 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAS6371 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
PixArt Imaging Inc.
PAS6371LT
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1,
2008/04/09
1.
Pin Assignment
Pin No.
Name
Type
Description
A1
CSB
IN
Power down enable, active high
A2
VDDMA
PWR
Analog power, 2.5V ~ 3.0V
A3
VREF1
Ref
Internal voltage reference
A4
VREF2
Ref
Internal voltage reference
A5
VREF3
Ref
Internal voltage reference
B1
VSYNC
OUT
Vertical synchronization signal output
B2
RSTN
IN
Reset mode enable, active low
B4
VREF4
Ref
Internal voltage reference
B5
VSSAY
GND
Sensor array ground
C1
VDDMD
PWR
I/O power, 1.8V ~ 3.3V
C2
HSYNC
OUT
Horizontal synchronization signal output
C3
PX6
OUT
Digital data output
C4
PX7
OUT
Digital data output
C5
VSSA
GND
Analog ground
D1
VDDD
PWR
Digital core power, 1.8V
D2
SDA
I/O
I2C data
D3
PX2
OUT
Digital data output
D4
PX5
OUT
Digital data output
D5
VSSD
GND
Digital ground
E1
VSSD
GND
Digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com