Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6371 Datasheet(PDF) 13 Page - Pixart Imaging Inc.

Part # PAS6371
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6371 Datasheet(HTML) 13 Page - Pixart Imaging Inc.

Back Button PAS6371 Datasheet HTML 9Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 10Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 16Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 17Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PixArt Imaging Inc.
PAS6371LT
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
13
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1,
2008/04/09
[1]
CSM_mode
0x01
1:HW Count CSMatrix(R2_x8a)
0:original
65
[7:0] Reserved
xx
Reserved
[0]
freq_60
0x01
Set de-flicker frequency
0/1: 50/60Hz
[4]
AE_EnH
0x01
AE enable
66
[7:5] Reserved
xx
Reserved
67
[7:0] SysClk_freq[7:0]
0x97
Input_frequency / 2048
68
[6:0] SysClk_freq[14:8]
0x31
Input_frequency / 2048
69 - 6A
[7:0] Reserved
xx
Reserved
6B
[4:0] AE_minStage[4:0]
0x01
Minimum AE stage
6C
[4:0] AE_maxStage[4:0]
0x1c
Maximum AE stage (AE_maxStage<=28)
6D - 6E
[7:0] Reserved
xx
Reserved
6F
[7:0] Ytar8bit
0x64
0~255, Target luminance of AE
[2:0] AE_wait_state
0x00
Frame wait-state for AE adjust
70
[6:4] AWB_wait_state
0x00
Frame wait-state for AWB adjust
71
[7:0] Reserved
xx
Reserved
[0]
AWB_EnH
0x01
Auto-white balance enable
[4]
AWB_Gain_rst
0x00
AWB gain gain reset
72
[7:5] Reserved
xx
Reserved
73 - 8A
[7:0] Reserved
xx
Reserved
[0]
AE_DeOsc_En
0x00
AE DeOscillate enable
[1]
AE_DeOsc_Timer_En
0x00
AE DeOscillate escape timer enable
[2]
AWB_DeOsc_En
0x00
AWB DeOscillate enable
8B
[3]
AWB_DeOsc_Timer_En
0x00
AWB DeOscillate escape timer enable
8D - 8E
[7:0] Reserved
xx
Reserved
8F
[7:0] ImgEffect_c0
0x40
Image Effect parameter
0
(ISP_UpdateFlag=1, update )
90
[7:0] ImgEffect_c1
0x40
Image Effect parameter
1
(ISP_UpdateFlag=1, update )
91
[7:0] ImgEffect_c2
0x10
Image Effect parameter
2
(ISP_UpdateFlag=1, update )
92
[7:0] ImgEffect_c3
0x80
Image Effect parameter
3
(ISP_UpdateFlag=1, update )
[3:0] ImgEffectMode
0x00
Image Effect mode
1: monochrome; 2: negative
3: Sepia; 4: Emboss; 5: Sketch
6: Black Board; 7: White Board
8: Solarize; 9: Color range R
10: Color range G;
11: Color range B; 12: Contrast
(ISP_UpdateFlag=1, update )
93
[5:4] ImgEffectFilter
0x00
Image Effect emboss filter type
(ISP_UpdateFlag=1, update )
94
[0]
ISP_ImgEffect_En
0x00
(ISP_UpdateFlag=1, update )
95 - 96
[7:0] Reserved
xx
Reserved
[4]
Shading_EnH
0x00
Lens shading enable
97
[5]
Shading_On
0x00
Shading on/off status
[0]
ShadingAutoOff
0x01
1:turn off shading
98
[7:1] Reserved
xx
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com