Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAS6371 Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAS6371
Description  CMOS VGA DIGITAL IMAGE SENSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6371 Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAS6371 Datasheet HTML 11Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 12Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 13Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 14Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 15Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 16Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 17Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 18Page - Pixart Imaging Inc. PAS6371 Datasheet HTML 19Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
PixArt Imaging Inc.
PAS6371LT
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
15
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1,
2008/04/09
Bank2 (set address_0xEF=2)
Address (Hex)
Register name
Default
Description
00
[0]
ISP2_Update
0x00
ISP2_UpdateFlag
01 - 03
[7:0] Reserved
xx
Reserved
04
[7:0] ImgEffect_R_Gain[7:0]
0x00
(ISP2_UpdateFlag=1, update )
05
[7:0] ImgEffect_G_Gain[7:0]
0x00
(ISP2_UpdateFlag=1, update )
06
[7:0] ImgEffect_B_Gain[7:0]
0x00
(ISP2_UpdateFlag=1, update )
07
[7:0] ImgEffect_R_offset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
08
[7:0] ImgEffect_G_offset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
09
[7:0] ImgEffect_B_offset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
0A
[0]
ISP_ImgEffect_1_En
0x00
(ISP2_UpdateFlag=1, update )
0E - 13
[7:0] Reserved
xx
Reserved
17
[0]
Curve_EnH
0x01
ISP tone curve Enable
18
[7:0] Curve_Y0[7:0]
0x1a
ISP tone curve Y0
19
[7:0] Curve_Y1[7:0]
0x34
ISP tone curve
Y1
1A
[7:0] Curve_Y2[7:0]
0x49
ISP tone curve
Y2
1B
[7:0] Curve_Y3[7:0]
0x5b
ISP tone curve
Y3
1C
[7:0] Curve_Y4[7:0]
0x6d
ISP tone curve
Y4
1D
[7:0] Curve_Y5[7:0]
0x7d
ISP tone curve
Y5
1E
[7:0] Curve_Y6[7:0]
0x9a
ISP tone curve
Y6
1F
[7:0] Curve_Y7[7:0]
0xb6
ISP tone curve
Y7
20
[7:0] Curve_Y8[7:0]
0xcf
ISP tone curve
Y8
21
[7:0] Curve_Y9[7:0]
0xe8
ISP tone curve
Y9
22
[3]
Defect_EnH
0x00
R_Defect_EnH
23 - 29
[7:0] Reserved
xx
Reserved
[6:0] Reserved
xx
Reserved
2A
[7]
ISP_Edge_En0
0x01
ISP edge enhancement enable
2B - 69
[7:0] Reserved
xx
Reserved
[2:0] ISP_WOI_HSize[10:8]
0x02
(ISP2_UpdateFlag=1, update )
9B
[4]
ISP_WOI_H_En
0x01
(ISP2_UpdateFlag=1, update )
9C
[7:0] ISP_WOI_HSize[7:0]
0x80
(ISP2_UpdateFlag=1, update )
[2:0] ISP_WOI_VSize[10:8]
0x01
(ISP2_UpdateFlag=1, update )
9D
[4]
ISP_WOI_V_En
0x01
(ISP2_UpdateFlag=1, update )
9E
[7:0] ISP_WOI_VSize[7:0]
0xE0
(ISP2_UpdateFlag=1, update )
9F
[2:0] ISP_WOI_HOffset[10:8]
0x00
(ISP2_UpdateFlag=1, update )
A0
[7:0] ISP_WOI_HOffset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
A1
[2:0] ISP_WOI_VOffset[10:8]
0x00
(ISP2_UpdateFlag=1, update )
A2
[7:0] ISP_WOI_VOffset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
A3 - B3 [7:0] Reserved
xx
Reserved
B4
[2:0] R_ISP_WOIb_HSize[10:8]
0x02
WOIb_HSize
(ISP2_UpdateFlag=1, update )
B5
[7:0] R_ISP_WOIb_HSize[7:0]
0x80
WOIb_HSize
(ISP2_UpdateFlag=1, update )
B6
[2:0] R_ISP_WOIb_VSize[10:8]
0x01
WOIb_VSize
(ISP2_UpdateFlag=1, update )
B7
[7:0] R_ISP_WOIb_VSize[7:0]
0xE0
WOIb_VSize
(ISP2_UpdateFlag=1, update )
B8
[2:0] R_ISP_WOIb_HOffset[10:8]
0x00
(ISP2_UpdateFlag=1, update )
B9
[7:0] R_ISP_WOIb_HOffset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
BA
[2:0] R_ISP_WOIb_VOffset[10:8]
0x00
(ISP2_UpdateFlag=1, update )
BB
[7:0] R_ISP_WOIb_VOffset[7:0]
0x00
(ISP2_UpdateFlag=1, update )
[0]
UV_Swap
0x00
U V Swap
C0
[1]
YC_Swap
0x00
Y C Swap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com