Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ARTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8614ARTZ
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ARTZ Datasheet(HTML) 5 Page - Analog Devices

  AD8614ARTZ Datasheet HTML 1Page - Analog Devices AD8614ARTZ Datasheet HTML 2Page - Analog Devices AD8614ARTZ Datasheet HTML 3Page - Analog Devices AD8614ARTZ Datasheet HTML 4Page - Analog Devices AD8614ARTZ Datasheet HTML 5Page - Analog Devices AD8614ARTZ Datasheet HTML 6Page - Analog Devices AD8614ARTZ Datasheet HTML 7Page - Analog Devices AD8614ARTZ Datasheet HTML 8Page - Analog Devices AD8614ARTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8614/AD8644
Rev. B | Page 5 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITANCE (pF)
50
45
0
40
35
30
25
20
15
10
5
–OS
VS =18V
RL =2kΩ
TA =25°C
10
100
1k
10k
+OS
Figure 4. Small Signal Overshoot vs. Load Capacitance
12
–12
8
4
0
–4
–8
0.1%
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
SETTLING TIME (µs)
0.01%
0.01%
0.1%
Figure 5. Output Swing vs. Settling Time
FREQUENCY (Hz)
80
60
40
20
0
45
90
135
180
1k
10k
100k
1M
10M
100M
5V ≤ VS ≤ 18V
RL =1MΩ
CL =40pF
TA = 25°C
Figure 6. Open-Loop Gain and Phase Shift vs. Frequency
7.5
6.5
5.5
4.5
3.5
2.5
1.5
0.5
–0.5
–1.5
–2.5
TIME (1µs/DIV)
VS =5V
RL =2kΩ
CL =200pF
AV =1
TA =25°C
Figure 7. Large Signal Transient Response, VS = 5 V
29
25
21
17
13
9
5
1
–3
–7
–11
VS =18V
RL =2kΩ
CL =200pF
AV =1
TA = 25°C
TIME (1µs/DIV)
Figure 8. Large Signal Transient Response, VS = 18 V
TIME (500ns/DIV)
VS
2
VS =5V ≤ VS ≤ 18V
RL =2kΩ
CL = 200pF
AV =1
TA = 25°C
Figure 9. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com