Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ARTZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8614ARTZ
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ARTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8614ARTZ Datasheet HTML 3Page - Analog Devices AD8614ARTZ Datasheet HTML 4Page - Analog Devices AD8614ARTZ Datasheet HTML 5Page - Analog Devices AD8614ARTZ Datasheet HTML 6Page - Analog Devices AD8614ARTZ Datasheet HTML 7Page - Analog Devices AD8614ARTZ Datasheet HTML 8Page - Analog Devices AD8614ARTZ Datasheet HTML 9Page - Analog Devices AD8614ARTZ Datasheet HTML 10Page - Analog Devices AD8614ARTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8614/AD8644
Rev. B | Page 7 of 16
FREQUENCY (Hz)
6
5
0
4
3
2
1
100
1k
10k
100k
1M
10M
VS =5V
AVCL =1
RL =2kΩ
TA = 25°C
Figure 16. Maximum Output Swing vs. Frequency, VS = 5 V
FREQUENCY (Hz)
20
18
0
10
6
2
4
8
16
14
12
100
1k
10k
100k
1M
10M
VS = 18V
AVCL =1
RL =2kΩ
TA = 25°C
Figure 17. Maximum Output Swing vs. Frequency, VS = 18 V
FREQUENCY (Hz)
300
240
0
180
120
60
5V ≤ VS ≤ 18V
TA =25°C
AV =1
AV =10
AV =100
1k
10k
100k
1M
10M
Figure 18. Closed-Loop Output Impedance vs. Frequency
FREQUENCY (Hz)
40
20
0
1k
10k
100k
1M
10M
100M
5V ≤ VS ≤ 18V
TA =25°C
Figure 19. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
100
80
60
0
20
40
120
140
100
1k
10k
100k
1M
10M
5V ≤ VS ≤ 18V
TA =25°C
Figure 20. Common-Mode Rejection vs. Frequency
FREQUENCY (Hz)
100
0
80
60
40
20
10M
1M
100k
10k
1k
100
PSRR+
PSRR–
VS = 18V
TA = 25°C
Figure 21. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com