Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ARTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8614ARTZ
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ARTZ Datasheet(HTML) 3 Page - Analog Devices

  AD8614ARTZ Datasheet HTML 1Page - Analog Devices AD8614ARTZ Datasheet HTML 2Page - Analog Devices AD8614ARTZ Datasheet HTML 3Page - Analog Devices AD8614ARTZ Datasheet HTML 4Page - Analog Devices AD8614ARTZ Datasheet HTML 5Page - Analog Devices AD8614ARTZ Datasheet HTML 6Page - Analog Devices AD8614ARTZ Datasheet HTML 7Page - Analog Devices AD8614ARTZ Datasheet HTML 8Page - Analog Devices AD8614ARTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8614/AD8644
Rev. B | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
5 V ≤ VS ≤ 18 V, VCM = VS/2, TA = 25°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
1.0
2.5
mV
−20°C ≤ TA ≤ +85°C
3
mV
Input Bias Current
IB
80
400
nA
−20°C ≤ TA ≤ +85°C
500
nA
Input Offset Current
IOS
5
100
nA
−20°C ≤ TA ≤ +85°C
200
nA
Input Voltage Range
0
VS
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to VS
60
75
dB
Voltage Gain
AVO
VOUT = 0.5 V to VS – 0.5 V, RL = 10 kΩ
10
150
V/mV
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = 10 mA
VS − 0.15
V
Output Voltage Low
VOL
ILOAD = 10 mA
65
150
mV
Output Short-Circuit Current
ISC
35
70
mA
−20°C ≤ TA ≤ +85°C
30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.25 V to ±9.25 V
80
110
dB
Supply Current/Amplifier
ISY
0.8
1.1
mA
−20°C ≤ TA ≤ +85°C
1.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
CL = 200 pF
7.5
V/μs
Gain Bandwidth Product
GBP
5.5
MHz
Phase Margin
Φo
65
Degrees
Settling Time
tS
0.01%, 10 V step
3
μs
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
12
nV/√Hz
en
f = 10 kHz
11
nV/√Hz
Current Noise Density
in
f = 10 kHz
1
pA/√Hz
1 All typical values are for VS = 18 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com