Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ARTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8614ARTZ
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ARTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8614ARTZ Datasheet HTML 2Page - Analog Devices AD8614ARTZ Datasheet HTML 3Page - Analog Devices AD8614ARTZ Datasheet HTML 4Page - Analog Devices AD8614ARTZ Datasheet HTML 5Page - Analog Devices AD8614ARTZ Datasheet HTML 6Page - Analog Devices AD8614ARTZ Datasheet HTML 7Page - Analog Devices AD8614ARTZ Datasheet HTML 8Page - Analog Devices AD8614ARTZ Datasheet HTML 9Page - Analog Devices AD8614ARTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8614/AD8644
Rev. B | Page 6 of 16
LOAD CURRENT (mA)
10
1
100
1k
10k
5V ≤ VS ≤ 18V
TA =25°C
SOURCE
SINK
0.001
0.01
0.1
1
10
100
Figure 10. Output Voltage to Supply Rail vs. Load Current
1000
400
0
900
500
300
100
700
600
200
800
0
1234
567
89
10
SUPPLY VOLTAGE (±V)
TA = 25°C
Figure 11. Supply Current vs. Supply Voltage
400
0
–400
300
200
–200
–300
100
–100
COMMON-MODE VOLTAGE (V)
–2.5
–1.5
–0.5
0.5
1.5
2.5
VS = ±2.5V
Figure 12. Input Bias Current vs. Common-Mode Voltage, VS = ±2.5 V
COMMON-MODE VOLTAGE (V)
400
0
–400
300
200
–200
–300
100
–100
VS =±9V
–9
–7
–5
–3
–1
013579
Figure 13. Input Bias Current vs. Common-Mode Voltage, VS = ±9 V
INPUT OFFSET VOLTAGE (mV)
180
160
0
80
60
40
20
140
100
120
2.5V ≤ VS ≤ 9V
TA = 25°C
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Figure 14. Input Offset Voltage Distribution
1.0
0.9
0.5
0.8
0.7
0.6
VS =18V
VS =5V
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
Figure 15. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com