Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8614ARTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8614ARTZ
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ARTZ Datasheet(HTML) 1 Page - Analog Devices

  AD8614ARTZ Datasheet HTML 1Page - Analog Devices AD8614ARTZ Datasheet HTML 2Page - Analog Devices AD8614ARTZ Datasheet HTML 3Page - Analog Devices AD8614ARTZ Datasheet HTML 4Page - Analog Devices AD8614ARTZ Datasheet HTML 5Page - Analog Devices AD8614ARTZ Datasheet HTML 6Page - Analog Devices AD8614ARTZ Datasheet HTML 7Page - Analog Devices AD8614ARTZ Datasheet HTML 8Page - Analog Devices AD8614ARTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Single and Quad 18 V
Operational Amplifiers
AD8614/AD8644
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Unity-gain bandwidth: 5.5 MHz
Low voltage offset: 1.0 mV
Slew rate: 7.5 V/μs
Single-supply operation: 5 V to 18 V
High output current: 70 mA
Low supply current: 800 μA/amplifier
Stable with large capacitive loads
Rail-to-rail inputs and outputs
APPLICATIONS
LCD gamma and VCOM drivers
Modems
Portable instrumentation
Direct access arrangement
GENERAL DESCRIPTION
The AD8614 (single) and AD8644 (quad) are single-supply,
5.5 MHz bandwidth, rail-to-rail amplifiers optimized for LCD
monitor applications.
They are processed using the Analog Devices, Inc. high voltage,
extra fast complementary bipolar (HV XFCB) process. This
proprietary process includes trench-isolated transistors that
lower internal parasitic capacitance, which improves gain
bandwidth, phase margin, and capacitive load drive. The low
supply current of 800 μA (typical) per amplifier is critical for
portable or densely packed designs. In addition, the rail-to-rail
output swing provides greater dynamic range and control than
standard video amplifiers provide.
These products operate from supplies of 5 V to as high as 18 V.
The unique combination of an output drive of 70 mA, high
slew rates, and high capacitive drive capability makes the
AD8614/AD8644 an ideal choice for LCD applications.
The AD8614 and AD8644 are specified over the temperature
range of –20°C to +85°C. They are available in 5-lead SOT-23,
14-lead TSSOP, and 14-lead SOIC surface-mount packages in
tape and reel.
PIN CONFIGURATIONS
OUT A 1
V– 2
+IN 3
–IN
4
V+
5
AD8614
TOP VIEW
(Not to Scale)
Figure 1. 5-Lead SOT-23
(RJ-5)
AD8644
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
Figure 2. 14-Lead TSSOP
(RU-14)
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
AD8644
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead Narrow Body SOIC
(R-14)


Similar Part No. - AD8614ARTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8614ARTZ-REEL AD-AD8614ARTZ-REEL Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
AD8614ARTZ-REEL7 AD-AD8614ARTZ-REEL7 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
More results

Similar Description - AD8614ARTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8614 AD-AD8614 Datasheet
303Kb / 8P
Single and Quad 18 V Operational Amplifiers
REV.0
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
Single and Quad 18 V Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com