Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321LICT Datasheet(PDF) 8 Page - STMicroelectronics

Part # LMV321LICT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321LICT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LMV321LICT Datasheet HTML 4Page - STMicroelectronics LMV321LICT Datasheet HTML 5Page - STMicroelectronics LMV321LICT Datasheet HTML 6Page - STMicroelectronics LMV321LICT Datasheet HTML 7Page - STMicroelectronics LMV321LICT Datasheet HTML 8Page - STMicroelectronics LMV321LICT Datasheet HTML 9Page - STMicroelectronics LMV321LICT Datasheet HTML 10Page - STMicroelectronics LMV321LICT Datasheet HTML 11Page - STMicroelectronics LMV321LICT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
LMV321L, LMV358L, LMV324L
8/20
DocID023066 Rev 2
Figure 2. Supply current vs. supply voltage at
Vicm = VCC/2
Figure 3. Input offset voltage vs. input common
mode voltage at VCC = 5 V
3.03.5
4.04.5
5.05.5
0.00
0.05
0.10
0.15
0.20
T=25°C
T=-40°C
T=85°C
Vicm=Vcc/2
Supply Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
T=25°C
T=-40°C
T=125°C
Vcc=5V
Input Common Mode Voltage (V)
Figure 4. Output current vs. output voltage at
VCC = 2.7 V
Figure 5. Output current vs. output voltage at
VCC = 5 V
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
2.5
-30
-20
-20
-10
00
10
20
20
30
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=2.7V
T=125°C
T=25°C
Output Voltage (V)
0.0
0.0 0.5 1.0
1.0 1.5 2.0
2.0 2.5 3.0
3.0 3.5 4.0
4.0 4.5 5.0
5.0
-100
-100
-75
-50
-50
-25
00
25
50
50
75
100
100
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=5V
T=125°C
T=25°C
Output Voltage (V)
Figure 6. Output current vs. supply voltage at
Vicm = VCC/2
Figure 7. Voltage gain and phase with
Cl = 200 pF
2.8 3.0
3.0 3.3 3.5
3.5 3.8 4.0
4.0 4.3 4.5
4.5 4.8 5.0
5.0 5.3 5.5
5.5
-100
-100
-75
-50
-50
-25
00
25
50
50
75
100
100
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=85°C
T=-40°C
Vicm=Vcc/2
T=85°C
T=25°C
Supply Voltage (V)
10k
100k
1M
10M
-20
-10
0
10
20
30
40
-270
-225
-180
-135
-90
-45
0
Frequency (Hz)
Gain
Phase
Vcc=5V
Vicm=2.5V
Rl=50kΩ
Cl=200pF
Gain=-100
T=125°C
T=-40°C
T=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com