Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321LICT Datasheet(PDF) 14 Page - STMicroelectronics

Part # LMV321LICT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321LICT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LMV321LICT Datasheet HTML 10Page - STMicroelectronics LMV321LICT Datasheet HTML 11Page - STMicroelectronics LMV321LICT Datasheet HTML 12Page - STMicroelectronics LMV321LICT Datasheet HTML 13Page - STMicroelectronics LMV321LICT Datasheet HTML 14Page - STMicroelectronics LMV321LICT Datasheet HTML 15Page - STMicroelectronics LMV321LICT Datasheet HTML 16Page - STMicroelectronics LMV321LICT Datasheet HTML 17Page - STMicroelectronics LMV321LICT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Package information
LMV321L, LMV358L, LMV324L
14/20
DocID023066 Rev 2
5.2
SOT23-5 package information
Figure 19. SOT23-5 package mechanical drawing
Table 6. SOT23-5 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.20
1.45
0.035
0.047
0.057
A1
0.15
0.006
A2
0.90
1.05
1.30
0.035
0.041
0.051
B
0.35
0.40
0.50
0.013
0.015
0.019
C
0.09
0.15
0.20
0.003
0.006
0.008
D
2.80
2.90
3.00
0.110
0.114
0.118
D1
1.90
0.075
e
0.95
0.037
E
2.60
2.80
3.00
0.102
0.110
0.118
F
1.50
1.60
1.75
0.059
0.063
0.069
L
0.10
0.35
0.60
0.004
0.013
0.023
K
0 °10 °
0 °10 °
GAMS1812131437CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com