Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321LICT Datasheet(PDF) 11 Page - STMicroelectronics

Part # LMV321LICT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321LICT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LMV321LICT Datasheet HTML 7Page - STMicroelectronics LMV321LICT Datasheet HTML 8Page - STMicroelectronics LMV321LICT Datasheet HTML 9Page - STMicroelectronics LMV321LICT Datasheet HTML 10Page - STMicroelectronics LMV321LICT Datasheet HTML 11Page - STMicroelectronics LMV321LICT Datasheet HTML 12Page - STMicroelectronics LMV321LICT Datasheet HTML 13Page - STMicroelectronics LMV321LICT Datasheet HTML 14Page - STMicroelectronics LMV321LICT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DocID023066 Rev 2
11/20
LMV321L, LMV358L, LMV324L
Application information
20
4
Application information
4.1
Operating voltages
The LMV321L, LMV358L, and LMV324L can operate from 2.7 to 5.5 V. The devices’
parameters are fully specified for 2.7 V and 5 V power supplies. Additionally, the main
specifications are guaranteed in extended temperature ranges from -40 ° C to +125 ° C.
4.2
Input common-mode range
The LMV321L, LMV358L, and LMV324L have an input common-mode range that includes
ground. The input common-mode range is extended from VCC- - 0.2 V to VCC+ - 1 V, with no
output phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 180 mV maximum above
and below the rail when connected to a 10 k
Ω resistive load to VCC/2.
4.4
Input offset voltage drift over temperature
The maximum input voltage drift over the temperature variation is defined as follows.
for Tmin < T < Tmax.
4.5
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
4.6
Macromodel
Accurate macromodels of the LMV321L, LMV358L, and LMV324L are available on
STMicroelectronics’ web site at www.st.com. These models are a trade-off between
accuracy and complexity (that is, time simulation) of the LMV321L, LMV358L, and LMV324L
operational amplifiers. They emulate the nominal performances of a typical device within the
specified operating conditions mentioned in the datasheet. They also help to validate a
design approach and to select the right operational amplifier, but they do not replace on-
board measurements.
ΔVio
ΔT
-------------
max Vio T
() Vio 25° C
()
–
T25
° C
–
-----------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com