Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321LICT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LMV321LICT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321LICT Datasheet(HTML) 1 Page - STMicroelectronics

  LMV321LICT Datasheet HTML 1Page - STMicroelectronics LMV321LICT Datasheet HTML 2Page - STMicroelectronics LMV321LICT Datasheet HTML 3Page - STMicroelectronics LMV321LICT Datasheet HTML 4Page - STMicroelectronics LMV321LICT Datasheet HTML 5Page - STMicroelectronics LMV321LICT Datasheet HTML 6Page - STMicroelectronics LMV321LICT Datasheet HTML 7Page - STMicroelectronics LMV321LICT Datasheet HTML 8Page - STMicroelectronics LMV321LICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
December 2013
DocID023066 Rev 2
1/20
LMV321L, LMV358L, LMV324L
Low-power, general-purpose operational amplifiers
Datasheet
- production data
Features
• Low-power consumption: 250 µA max at 5 V
• Low offset voltage: 7 mV max at 25 °C
• Industrial temperature range: -40 °C to +125 °C
• Low supply voltage: 2.7 V - 5.5 V
• Gain bandwidth product: 1.3 MHz
• Tiny packages
Applications
• Battery-powered applications
• Portable devices
• Signal conditioning
• Active filtering
• Medical instrumentation
Description
The LMV321L, LMV358L, and LMV324L are
single, dual and quad operational amplifiers with
rail-to-rail output capabilities. They are specifically
designed to operate at low voltages (2.7 V to 5 V)
with enhanced performances compared to the
industry standard LM3xx series.
The LMV321L, LMV358L, and LMV324L are
offered in tiny packages, allowing the devices to
be used in small portable electronic applications
and to be placed closer to the actual signal.
The LMV321L, LMV358L, and LMV324L are
complete cost-effective solutions for application
designs where cost is of primary importance.
TSSOP14
SO8
SO14
SC70-5
MiniSO8
SOT23-5
www.st.com


Similar Part No. - LMV321LICT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV321LICT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
LMR321G-E ROHM-LMR321G-E Datasheet
705Kb / 41P
Ground sense Low Power General Purpose Operational amplifiers
logo
Texas Instruments
UA741MU TI-UA741MU Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G Datasheet
522Kb / 22P
Ground Sense Low Power General Purpose Operational Amplifiers
logo
National Semiconductor ...
LMV601 NSC-LMV601 Datasheet
1Mb / 27P
Low Power General Purpose, 2.7V Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
General Purpose Operational Amplifiers
LMR321G ROHM-LMR321G Datasheet
708Kb / 41P
Ground Sense Low Power General Purpose Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com