Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321LICT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LMV321LICT
Description  Low-power, general-purpose operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321LICT Datasheet(HTML) 5 Page - STMicroelectronics

  LMV321LICT Datasheet HTML 1Page - STMicroelectronics LMV321LICT Datasheet HTML 2Page - STMicroelectronics LMV321LICT Datasheet HTML 3Page - STMicroelectronics LMV321LICT Datasheet HTML 4Page - STMicroelectronics LMV321LICT Datasheet HTML 5Page - STMicroelectronics LMV321LICT Datasheet HTML 6Page - STMicroelectronics LMV321LICT Datasheet HTML 7Page - STMicroelectronics LMV321LICT Datasheet HTML 8Page - STMicroelectronics LMV321LICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID023066 Rev 2
5/20
LMV321L, LMV358L, LMV324L
Electrical characteristics
20
3
Electrical characteristics
Table 3. Electrical characteristics at VCC+ = 2.7 V with VCC- = 0 V, Vicm = VCC/2, Tamb = 25 ° C, and
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
1
7
mV
ΔVio/ΔT Input offset voltage drift(1)
-40 °C < T< 125 °C
5
μV/°C
Iio
Input offset current
Vout = Vcc/2
0.5
30
nA
Iib
Input bias current
27
60
CMRR
Common mode rejection ratio(1)
Vic = 0 V to Vcc-1 V, Vout = Vcc/2
70
75
dB
VO
Output swing
RL = 10 kΩ, high level
2.6
2.69
V
RL = 10 kΩ, low level
65
180
mV
ICC
Supply current (per channel)
No load, Vout = VCC/2
120
180
µA
AC performance
GBP
Gain bandwidth product
RL > 1 MΩ, CL = 200 pF
1.3
MHz
Φm
Phase margin
60
degrees
Gm
Gain margin
10
dB
SR
Slew rate
RL > 1 MΩ, CL = 200 pF
Vout = 0.5 V to VCC - 0.5V
0.6
V/
μs
en
Equivalent input noise voltage
f = 1 kHz
f = 10 kHz
31
20
in
Equivalent input noise current
f = 1 kHz
0.30
1.
CMRR (dB) = 20 log (
ΔVicm/ΔVio).
nV
Hz
------------
pA
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com