Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 238 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 238 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 234Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 235Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 236Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 237Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 238Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 239Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 240Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 241Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 236
© 2009 Microchip Technology Inc.
REGISTER 21-9:
AD1PCFGH: ADC1 PORT CONFIGURATION REGISTER HIGH(1,2,3)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG31
PCFG30
PCFG29
PCFG28
PCFG27
PCFG26
PCFG25
PCFG24
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG23
PCFG22
PCFG21
PCFG20
PCFG19
PCFG18
PCFG17
PCFG16
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PCFG<31:16>: ADC Port Configuration Control bits
1
= Port pin in Digital mode, port read input enabled, ADC input multiplexer connected to AVSS
0
= Port pin in Analog mode, port read input disabled, ADC samples pin voltage
Note 1: On devices without 32 analog inputs, all PCFG bits are R/W by user. However, PCFG bits are ignored on
ports without a corresponding input on device.
2: ADC2 only supports analog inputs AN0-AN15; therefore, no ADC2 port Configuration register exists.
3: PCFGx = ANx, where x = 16 through 31.
REGISTER 21-10: ADxPCFGL: ADCx PORT CONFIGURATION REGISTER LOW(1,2,3)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG15
PCFG14
PCFG13
PCFG12
PCFG11
PCFG10
PCFG9
PCFG8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
PCFG<15:0>: ADC Port Configuration Control bits
1
= Port pin in Digital mode, port read input enabled, ADC input multiplexer connected to AVSS
0
= Port pin in Analog mode, port read input disabled, ADC samples pin voltage
Note 1: On devices without 16 analog inputs, all PCFG bits are R/W by user. However, PCFG bits are ignored on
ports without a corresponding input on device.
2: On devices with two analog-to-digital modules, both AD1PCFGL and AD2PCFGL will affect the
configuration of port pins multiplexed with AN0-AN15.
3: PCFGx = ANx, where x = 0 through 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com