Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 242 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 242 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 238Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 239Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 240Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 241Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 242Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 243Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 244Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 245Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 240
© 2009 Microchip Technology Inc.
IESO
FOSCSEL
Two-speed Oscillator Start-up Enable bit
1
= Start-up device with FRC, then automatically switch to the user-selected
oscillator source when ready
0
= Start-up device with user-selected oscillator source
FNOSC<2:0>
FOSCSEL
Initial Oscillator Source Selection bits
111
= Internal Fast RC (FRC) oscillator with postscaler
110
= Internal Fast RC (FRC) oscillator with divide-by-16
101
= LPRC oscillator
100
= Secondary (LP) oscillator
011
= Primary (XT, HS, EC) oscillator with PLL
010
= Primary (XT, HS, EC) oscillator
001
= Internal Fast RC (FRC) oscillator with PLL
000
= FRC oscillator
FCKSM<1:0>
FOSC
Clock Switching Mode bits
1x
= Clock switching is disabled, Fail-Safe Clock Monitor is disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching is enabled, Fail-Safe Clock Monitor is enabled
OSCIOFNC
FOSC
OSC2 Pin Function bit (except in XT and HS modes)
1
= OSC2 is clock output
0
= OSC2 is general purpose digital I/O pin
POSCMD<1:0>
FOSC
Primary Oscillator Mode Select bits
11
= Primary oscillator disabled
10
= HS Crystal Oscillator mode
01
= XT Crystal Oscillator mode
00
= EC (External Clock) mode
FWDTEN
FWDT
Watchdog Timer Enable bit
1
= Watchdog Timer always enabled (LPRC oscillator cannot be disabled. Clearing
the SWDTEN bit in the RCON register will have no effect.)
0
= Watchdog Timer enabled/disabled by user software (LPRC can be disabled
by clearing the SWDTEN bit in the RCON register)
WINDIS
FWDT
Watchdog Timer Window Enable bit
1
= Watchdog Timer in Non-Window mode
0
= Watchdog Timer in Window mode
WDTPRE
FWDT
Watchdog Timer Prescaler bit
1
= 1:128
0
= 1:32
WDTPOST
FWDT
Watchdog Timer Postscaler bits
1111
= 1:32,768
1110
= 1:16,384
.
.
.
0001
= 1:2
0000
= 1:1
JTAGEN
FICD
JTAG Enable bits
1
= JTAG enabled
0
= JTAG disabled
ICS<1:0>
FICD
ICD Communication Channel Select bits
11
= Communicate on PGEC1 and PGED1
10
= Communicate on PGEC2 and PGED2
01
= Communicate on PGEC3 and PGED3
00
= Reserved
TABLE 22-2:
dsPIC33FJXXXGPX06/X08/X10 CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com