Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 244 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 244 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 240Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 241Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 242Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 243Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 244Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 245Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 246Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 247Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 242
© 2009 Microchip Technology Inc.
22.4
Watchdog Timer (WDT)
For dsPIC33FJXXXGPX06/X08/X10 devices, the WDT
is driven by the LPRC oscillator. When the WDT is
enabled, the clock source is also enabled.
The nominal WDT clock source from LPRC is 32 kHz.
This feeds a prescaler and then can be configured for
either 5-bit (divide-by-32) or 7-bit (divide-by-128)
operation. The prescaler is set by the WDTPRE
Configuration bit. With a 32 kHz input, the prescaler
yields a nominal WDT time-out period (TWDT) of 1 ms
in 5-bit mode, or 4 ms in 7-bit mode.
A variable postscaler divides down the WDT prescaler
output and allows for a wide range of time-out periods.
The postscaler is controlled by the WDTPOST<3:0>
Configuration bits (FWDT<3:0>) which allow the
selection of a total of 16 settings, from 1:1 to 1:32,768.
Using the prescaler and postscaler, time-out periods
ranging from 1 ms to 131 seconds can be achieved.
The WDT, prescaler and postscaler are reset:
• On any device Reset
• On the completion of a clock switch, whether
invoked by software (i.e., setting the OSWEN bit
after changing the NOSC bits) or by hardware
(i.e., Fail-Safe Clock Monitor)
• When a PWRSAV instruction is executed
(i.e., Sleep or Idle mode is entered)
• When the device exits Sleep or Idle mode to
resume normal operation
•By a CLRWDT instruction during normal execution
If the WDT is enabled, it will continue to run during Sleep
or Idle modes. When the WDT time-out occurs, the
device will wake the device and code execution will
continue from where the PWRSAV instruction was
executed. The corresponding SLEEP or IDLE bits
(RCON<3,2>) will need to be cleared in software after the
device wakes up.
The WDT flag bit, WDTO (RCON<4>), is not automatically
cleared following a WDT time-out. To detect subsequent
WDT events, the flag must be cleared in software.
The WDT is enabled or disabled by the FWDTEN
Configuration bit in the FWDT Configuration register.
When the FWDTEN Configuration bit is set, the WDT is
always enabled.
The WDT can be optionally controlled in software when
the FWDTEN Configuration bit has been programmed
to ‘0’. The WDT is enabled in software by setting the
SWDTEN control bit (RCON<5>). The SWDTEN
control bit is cleared on any device Reset. The software
WDT option allows the user to enable the WDT for
critical code segments and disable the WDT during
non-critical segments for maximum power savings.
FIGURE 22-2:
WDT BLOCK DIAGRAM
Note:
The CLRWDT and PWRSAV instructions
clear the prescaler and postscaler counts
when executed.
Note:
If the WINDIS bit (FWDT<6>) is cleared, the
CLRWDT
instruction should be executed by
the application software only during the last
1/4 of the WDT period. This CLRWDT
window can be determined by using a timer.
If a CLRWDT instruction is executed before
this window, a WDT Reset occurs.
All Device Resets
Transition to New Clock Source
Exit Sleep or Idle Mode
PWRSAV
Instruction
CLRWDT
Instruction
0
1
WDTPRE
WDTPOST<3:0>
Watchdog Timer
Prescaler
(divide by N1)
Postscaler
(divide by N2)
Sleep/Idle
WDT
WDT Window Select
WINDIS
WDT
CLRWDT
Instruction
SWDTEN
FWDTEN
LPRC Clock
RS
RS
Wake-up
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com