Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 193 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 193 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 189Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 190Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 191Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 192Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 193Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 194Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 195Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 196Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 191
dsPIC33FJXXXGPX06/X08/X10
19.0 ENHANCED CAN (ECAN™)
MODULE
19.1
Overview
The Enhanced Controller Area Network (ECAN) mod-
ule is a serial interface, useful for communicating with
other CAN modules or microcontroller devices. This
interface/protocol was designed to allow communica-
tions
within
noisy
environments.
The
dsPIC33FJXXXGPX06/X08/X10 devices contain up to
two ECAN modules.
The CAN module is a communication controller imple-
menting the CAN 2.0 A/B protocol, as defined in the
BOSCH specification. The module will support CAN 1.2,
CAN 2.0A, CAN 2.0B Passive and CAN 2.0B Active
versions of the protocol. The module implementation is
a full CAN system. The CAN specification is not covered
within this data sheet. The reader may refer to the
BOSCH CAN specification for further details.
The module features are as follows:
• Implementation of the CAN protocol, CAN 1.2,
CAN 2.0A and CAN 2.0B
• Standard and extended data frames
• 0-8 bytes data length
• Programmable bit rate up to 1 Mbit/sec
• Automatic response to remote transmission
requests
• Up to 8 transmit buffers with application specified
prioritization and abort capability (each buffer may
contain up to 8 bytes of data)
• Up to 32 receive buffers (each buffer may contain
up to 8 bytes of data)
• Up to 16 full (standard/extended identifier)
acceptance filters
• 3 full acceptance filter masks
• DeviceNet™ addressing support
• Programmable wake-up functionality with
integrated low-pass filter
• Programmable Loopback mode supports self-test
operation
• Signaling via interrupt capabilities for all CAN
receiver and transmitter error states
• Programmable clock source
• Programmable link to input capture module (IC2
for both CAN1 and CAN2) for time-stamping and
network synchronization
• Low-power Sleep and Idle mode
The CAN bus module consists of a protocol engine and
message buffering/control. The CAN protocol engine
handles all functions for receiving and transmitting
messages on the CAN bus. Messages are transmitted
by first loading the appropriate data registers. Status
and errors can be checked by reading the appropriate
registers. Any message detected on the CAN bus is
checked for errors and then matched against filters to
see if it should be received and stored in one of the
receive registers.
19.2
Frame Types
The CAN module transmits various types of frames
which include data messages, or remote transmission
requests initiated by the user, as other frames that are
automatically generated for control purposes. The
following frame types are supported:
• Standard Data Frame:
A standard data frame is generated by a node
when the node wishes to transmit data. It includes
an 11-bit Standard Identifier (SID), but not an
18-bit Extended Identifier (EID).
• Extended Data Frame:
An extended data frame is similar to a standard
data frame, but includes an extended identifier as
well.
• Remote Frame:
It is possible for a destination node to request the
data from the source. For this purpose, the
destination node sends a remote frame with an
identifier that matches the identifier of the required
data frame. The appropriate data source node will
then send a data frame as a response to this
remote request.
• Error Frame:
An error frame is generated by any node that
detects a bus error. An error frame consists of two
fields: an error flag field and an error delimiter
field.
• Overload Frame:
An overload frame can be generated by a node as
a result of two conditions. First, the node detects
a dominant bit during interframe space which is an
illegal condition. Second, due to internal condi-
tions, the node is not yet able to start reception of
the next message. A node may generate a maxi-
mum of 2 sequential overload frames to delay the
start of the next message.
• Interframe Space:
Interframe space separates a proceeding frame
(of whatever type) from a following data or remote
frame.
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 21.
“Enhanced Controller Area Network
(ECAN™)” (DS70185) in the “dsPIC33F
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com