Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP706 Datasheet(PDF) 196 Page - Microchip Technology

Part # DSPIC33FJ64GP706
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP706 Datasheet(HTML) 196 Page - Microchip Technology

Back Button DSPIC33FJ64GP706 Datasheet HTML 192Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 193Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 194Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 195Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 196Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 197Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 198Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 199Page - Microchip Technology DSPIC33FJ64GP706 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 194
© 2009 Microchip Technology Inc.
REGISTER 19-1:
CiCTRL1: ECAN™ CONTROL REGISTER 1
U-0
U-0
R/W-0
R/W-0
r-0
R/W-1
R/W-0
R/W-0
—
—
CSIDL
ABAT
—
REQOP<2:0>
bit 15
bit 8
R-1
R-0
R-0
U-0
R/W-0
U-0
U-0
R/W-0
OPMODE<2:0>
—CANCAP
—
—WIN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
r = Bit is Reserved
bit 15-14
Unimplemented: Read as ‘0’
bit 13
CSIDL: Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12
ABAT: Abort All Pending Transmissions bit
Signal all transmit buffers to abort transmission. Module will clear this bit when all transmissions
are aborted
bit 11
Reserved: Do not use
bit 10-8
REQOP<2:0>: Request Operation Mode bits
000
= Set Normal Operation mode
001
= Set Disable mode
010
= Set Loopback mode
011
= Set Listen Only Mode
100
= Set Configuration mode
101
= Reserved - do not use
110
= Reserved - do not use
111
= Set Listen All Messages mode
bit 7-5
OPMODE<2:0>: Operation Mode bits
000
= Module is in Normal Operation mode
001
= Module is in Disable mode
010
= Module is in Loopback mode
011
= Module is in Listen Only mode
100
= Module is in Configuration mode
101
= Reserved
110
= Reserved
111
= Module is in Listen All Messages mode
bit 4
Unimplemented: Read as ‘0’
bit 3
CANCAP: CAN Message Receive Timer Capture Event Enable bit
1
= Enable input capture based on CAN message receive
0
= Disable CAN capture
bit 2-1
Unimplemented: Read as ‘0’
bit 0
WIN: SFR Map Window Select bit
1
= Use filter window
0
= Use buffer window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com