Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 222 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 222 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 218Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 219Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 220Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 221Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 222Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 223Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 224Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 225Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 220
© 2009 Microchip Technology Inc.
REGISTER 20-2:
DCICON2: DCI CONTROL REGISTER 2
U-0
U-0
U-0
U-0
R/W-0
R/W-0
U-0
R/W-0
—
—
—
—
BLEN<1:0>
—COFSG3
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
COFSG<2:0>
—
WS<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11-10
BLEN<1:0>: Buffer Length Control bits
11
= Four data words will be buffered between interrupts
10
= Three data words will be buffered between interrupts
01
= Two data words will be buffered between interrupts
00
= One data word will be buffered between interrupts
bit 9
Unimplemented: Read as ‘0’
bit 8-5
COFSG<3:0>: Frame Sync Generator Control bits
1111
= Data frame has 16 words
•
•
•
0010
= Data frame has 3 words
0001
= Data frame has 2 words
0000
= Data frame has 1 word
bit 4
Unimplemented: Read as ‘0’
bit 3-0
WS<3:0>: DCI Data Word Size bits
1111
= Data word size is 16 bits
•
•
•
0100
= Data word size is 5 bits
0011
= Data word size is 4 bits
0010
= Invalid Selection. Do not use. Unexpected results may occur
0001
= Invalid Selection. Do not use. Unexpected results may occur
0000
= Invalid Selection. Do not use. Unexpected results may occur



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com