Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 224 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 224 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 220Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 221Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 222Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 223Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 224Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 225Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 226Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 227Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 222
© 2009 Microchip Technology Inc.
REGISTER 20-4:
DCISTAT: DCI STATUS REGISTER
U-0
U-0
U-0
U-0
R-0
R-0
R-0
R-0
—
—
—
—
SLOT<3:0>
bit 15
bit 8
U-0
U-0
U-0
U-0
R-0
R-0
R-0
R-0
—
—
—
—
ROV
RFUL
TUNF
TMPTY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11-8
SLOT<3:0>: DCI Slot Status bits
1111
= Slot #15 is currently active
•
•
•
0010
= Slot #2 is currently active
0001
= Slot #1 is currently active
0000
= Slot #0 is currently active
bit 7-4
Unimplemented: Read as ‘0’
bit 3
ROV: Receive Overflow Status bit
1
= A receive overflow has occurred for at least one receive register
0
= A receive overflow has not occurred
bit 2
RFUL: Receive Buffer Full Status bit
1
= New data is available in the receive registers
0
= The receive registers have old data
bit 1
TUNF: Transmit Buffer Underflow Status bit
1
= A transmit underflow has occurred for at least one transmit register
0
= A transmit underflow has not occurred
bit 0
TMPTY: Transmit Buffer Empty Status bit
1
= The transmit registers are empty
0
= The transmit registers are not empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com