Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 231 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 231 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 227Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 228Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 229Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 230Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 231Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 232Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 233Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 234Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 229
dsPIC33FJXXXGPX06/X08/X10
bit 3
SIMSAM: Simultaneous Sample Select bit (only applicable when CHPS<1:0> = 01 or 1x)
When AD12B = 1, SIMSAM is: U-0, Unimplemented, Read as ‘0’
1
= Samples CH0, CH1, CH2, CH3 simultaneously (when CHPS<1:0> = 1x); or
Samples CH0 and CH1 simultaneously (when CHPS<1:0> = 01)
0
= Samples multiple channels individually in sequence
bit 2
ASAM: ADC Sample Auto-Start bit
1
= Sampling begins immediately after last conversion. SAMP bit is auto-set
0
= Sampling begins when SAMP bit is set
bit 1
SAMP: ADC Sample Enable bit
1
= ADC sample/hold amplifiers are sampling
0
= ADC sample/hold amplifiers are holding
If ASAM = 0, software may write ‘1’ to begin sampling. Automatically set by hardware if ASAM = 1.
If SSRC = 000, software may write ‘0’ to end sampling and start conversion. If SSRC
≠ 000,
automatically cleared by hardware to end sampling and start conversion.
bit 0
DONE: ADC Conversion Status bit
1
= ADC conversion cycle is completed
0
= ADC conversion not started or in progress
Automatically set by hardware when ADC conversion is complete. Software may write ‘0’ to clear
DONE status (software not allowed to write ‘1’). Clearing this bit will NOT affect any operation in prog-
ress. Automatically cleared by hardware at start of a new conversion.
REGISTER 21-1:
ADxCON1: ADCx CONTROL REGISTER 1 (where x = 1 or 2) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com