Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 235 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 235 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 231Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 232Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 233Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 234Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 235Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 236Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 237Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 238Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 233
dsPIC33FJXXXGPX06/X08/X10
REGISTER 21-5:
ADxCHS123: ADCx INPUT CHANNEL 1, 2, 3 SELECT REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
CH123NB<1:0>
CH123SB
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
CH123NA<1:0>
CH123SA
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-11
Unimplemented: Read as ‘0’
bit 10-9
CH123NB<1:0>: Channel 1, 2, 3 Negative Input Select for Sample B bits
When AD12B = 1, CHxNB is: U-0, Unimplemented, Read as ‘0’
11
= CH1 negative input is AN9, CH2 negative input is AN10, CH3 negative input is AN11
10
= CH1 negative input is AN6, CH2 negative input is AN7, CH3 negative input is AN8
0x
= CH1, CH2, CH3 negative input is VREF-
bit 8
CH123SB: Channel 1, 2, 3 Positive Input Select for Sample B bit
When AD12B = 1, CHxSB is: U-0, Unimplemented, Read as ‘0’
1
= CH1 positive input is AN3, CH2 positive input is AN4, CH3 positive input is AN5
0
= CH1 positive input is AN0, CH2 positive input is AN1, CH3 positive input is AN2
bit 7-3
Unimplemented: Read as ‘0’
bit 2-1
CH123NA<1:0>: Channel 1, 2, 3 Negative Input Select for Sample A bits
When AD12B = 1, CHxNA is: U-0, Unimplemented, Read as ‘0’
11
= CH1 negative input is AN9, CH2 negative input is AN10, CH3 negative input is AN11
10
= CH1 negative input is AN6, CH2 negative input is AN7, CH3 negative input is AN8
0x
= CH1, CH2, CH3 negative input is VREF-
bit 0
CH123SA: Channel 1, 2, 3 Positive Input Select for Sample A bit
When AD12B = 1, CHxSA is: U-0, Unimplemented, Read as ‘0’
1
= CH1 positive input is AN3, CH2 positive input is AN4, CH3 positive input is AN5
0
= CH1 positive input is AN0, CH2 positive input is AN1, CH3 positive input is AN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com