Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 245 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 245 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 241Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 242Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 243Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 244Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 245Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 246Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 247Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 248Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 243
dsPIC33FJXXXGPX06/X08/X10
22.5
JTAG Interface
dsPIC33FJXXXGPX06/X08/X10 devices implement a
JTAG interface, which supports boundary scan device
testing, as well as in-circuit programming. Detailed
information on the interface will be provided in future
revisions of the document.
22.6
Code Protection and
CodeGuard™ Security
The dsPIC33F product families offer the advanced
implementation of CodeGuard™ Security. CodeGuard™
Security enables multiple parties to securely share
resources (memory, interrupts and peripherals) on a
single chip. This feature helps protect individual
Intellectual Property in collaborative system designs.
When coupled with software encryption libraries,
CodeGuard Security can be used to securely update
Flash even when multiple IP are resident on the single
chip. The code protection features vary depending on
the actual dsPIC33F implemented. The following
sections provide an overview of these features.
The code protection features are controlled by the
Configuration registers: FBS, FSS and FGS.
22.7
In-Circuit Serial Programming
dsPIC33FJXXXGPX06/X08/X10 family digital signal
controllers can be serially programmed while in the end
application circuit. This is simply done with two lines for
clock and data and three other lines for power, ground
and
the
programming
sequence.
This
allows
customers to manufacture boards with unprogrammed
devices and then program the digital signal controller
just before shipping the product. This also allows the
most recent firmware or a custom firmware, to be
programmed. Please refer to the “dsPIC33F/PIC24H
Flash
Programming
Specification”
(DS70152)
document for details about ICSP.
Any one out of three pairs of programming clock/data
pins may be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
22.8
In-Circuit Debugger
When MPLAB® ICD 2 is selected as a debugger, the
in-circuit debugging functionality is enabled. This
function allows simple debugging functions when used
with MPLAB IDE. Debugging functionality is controlled
through the PGECx (Emulation/Debug Clock) and
PGEDx (Emulation/Debug Data) pin functions.
Any one out of three pairs of debugging clock/data pins
may be used:
• PGEC1 and PGED1
• PGEC2 and PGED2
• PGEC3 and PGED3
To use the in-circuit debugger function of the device,
the design must implement ICSP connections to
MCLR, VDD, VSS and the PGEDx/PGECx pin pair. In
addition, when the feature is enabled, some of the
resources are not available for general use. These
resources include the first 80 bytes of data RAM and
two I/O pins.
Note:
Refer to Section 23. “CodeGuard™
Security” (DS70199) in the “dsPIC33F
Family Reference Manual” for further
information on usage, configuration and
operation of CodeGuard™ Security.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com