Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 248 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 248 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 244Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 245Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 246Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 247Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 248Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 249Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 250Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 251Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 246
© 2009 Microchip Technology Inc.
All instructions are a single word, except for certain
double-word
instructions,
which
were
made
double-word instructions so that all the required
information is available in these 48 bits. In the second
word, the 8 MSbs are ‘0’s. If this second word is
executed as an instruction (by itself), it will execute as
a NOP.
Most single-word instructions are executed in a single
instruction cycle, unless a conditional test is true, or the
program counter is changed as a result of the
instruction. In these cases, the execution takes two
instruction cycles with the additional instruction cycle(s)
executed as a NOP. Notable exceptions are the BRA
(unconditional/computed branch), indirect CALL/GOTO,
all table reads and writes and RETURN/RETFIE
instructions, which are single-word instructions but take
two or three cycles. Certain instructions that involve skip-
ping over the subsequent instruction require either two
or three cycles if the skip is performed, depending on
whether the instruction being skipped is a single-word or
two-word instruction. Moreover, double-word moves
require two cycles. The double-word instructions
execute in two instruction cycles.
Note:
For more details on the instruction set,
refer to the “dsPIC30F/33F Programmer’s
Reference Manual” (DS70157).
TABLE 23-1:
SYMBOLS USED IN OPCODE DESCRIPTIONS
Field
Description
#text
Means literal defined by “text”
(text)
Means “content of text”
[text]
Means “the location addressed by text”
{ }
Optional field or operation
<n:m>
Register bit field
.b
Byte mode selection
.d
Double-Word mode selection
.S
Shadow register select
.w
Word mode selection (default)
Acc
One of two accumulators {A, B}
AWB
Accumulator write back destination address register
∈ {W13, [W13]+ = 2}
bit4
4-bit bit selection field (used in word addressed instructions)
∈ {0...15}
C, DC, N, OV, Z
MCU Status bits: Carry, Digit Carry, Negative, Overflow, Sticky Zero
Expr
Absolute address, label or expression (resolved by the linker)
f
File register address
∈ {0x0000...0x1FFF}
lit1
1-bit unsigned literal
∈ {0,1}
lit4
4-bit unsigned literal
∈ {0...15}
lit5
5-bit unsigned literal
∈ {0...31}
lit8
8-bit unsigned literal
∈ {0...255}
lit10
10-bit unsigned literal
∈ {0...255} for Byte mode, {0:1023} for Word mode
lit14
14-bit unsigned literal
∈ {0...16384}
lit16
16-bit unsigned literal
∈ {0...65535}
lit23
23-bit unsigned literal
∈ {0...8388608}; LSb must be ‘0’
None
Field does not require an entry, may be blank
OA, OB, SA, SB
DSP Status bits: AccA Overflow, AccB Overflow, AccA Saturate, AccB Saturate
PC
Program Counter
Slit10
10-bit signed literal
∈ {-512...511}
Slit16
16-bit signed literal
∈ {-32768...32767}
Slit6
6-bit signed literal
∈ {-16...16}
Wb
Base W register
∈ {W0..W15}
Wd
Destination W register
∈ { Wd, [Wd], [Wd++], [Wd--], [++Wd], [--Wd] }
Wdo
Destination W register
∈
{ Wnd, [Wnd], [Wnd++], [Wnd--], [++Wnd], [--Wnd], [Wnd+Wb] }
Wm,Wn
Dividend, Divisor working register pair (direct addressing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com