Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 270 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 270 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 266Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 267Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 268Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 269Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 270Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 271Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 272Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 273Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 274Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 268
© 2009 Microchip Technology Inc.
TABLE 25-17: PLL CLOCK TIMING SPECIFICATIONS (VDD = 3.0V TO 3.6V)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS50
FPLLI
PLL Voltage Controlled
Oscillator (VCO) Input
Frequency Range(2)
0.8
—
8.0
MHz ECPLL, HSPLL, XTPLL
modes
OS51
FSYS
On-Chip VCO System
Frequency
100
—
200
MHz —
OS52
TLOCK
PLL Start-up Time (Lock Time)
0.9
1.5
3.1
ms
—
OS53
DCLK
CLKO Stability (Jitter)
-3.0
0.5
3.0
%
Measured over 100 ms
period
Note 1: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
TABLE 25-18: AC CHARACTERISTICS: INTERNAL FRC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
Internal FRC Accuracy @ FRC Frequency = 7.37 MHz(1,2)
F20
FRC
-2
—
+2
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0-3.6V
Note 1: Frequency calibrated at 25°C and 3.3V. TUN bits can be used to compensate for temperature drift.
2: FRC is set to initial frequency of 7.37 MHz (±2%) at 25°C FRC.
TABLE 25-19: INTERNAL LPRC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
LPRC @ 32.768 kHz(1)
F21
LPRC
-20
±6
+20
%
-40°C
≤ TA ≤ +85°C
VDD = 3.0-3.6V
Note 1: Change of LPRC frequency as VDD changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com