Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP708 Datasheet(PDF) 273 Page - Microchip Technology

Part # DSPIC33FJ64GP708
Description  High-Performance 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP708 Datasheet(HTML) 273 Page - Microchip Technology

Back Button DSPIC33FJ64GP708 Datasheet HTML 269Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 270Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 271Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 272Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 273Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 274Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 275Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 276Page - Microchip Technology DSPIC33FJ64GP708 Datasheet HTML 277Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 271
dsPIC33FJXXXGPX06/X08/X10
TABLE 25-21: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Symbol
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
SY10
TMCLMCLR Pulse-Width (low)
2
—
—
μs
-40°C to +85°C
SY11
TPWRT
Power-up Timer Period
—
—
—
—
—
—
—
2
4
8
16
32
64
128
—
—
—
—
—
—
—
ms
-40°C to +85°C
User programmable
SY12
TPOR
Power-on Reset Delay
3
10
30
μs
-40°C to +85°C
SY13
TIOZ
I/O High-Impedance from
MCLR Low or Watchdog
Timer Reset
0.68
0.72
1.2
μs—
SY20
TWDT1
Watchdog Timer
Time-out Period
—
—
—
—
See Section 22.4 “Watchdog
Timer (WDT)” and LPRC
specification F21 (Table 25-19)
SY30
TOST
Oscillator Start-up Timer
Period
—
1024 TOSC
——
TOSC = OSC1 period
SY35
TFSCM
Fail-Safe Clock Monitor
Delay
—
500
900
μs
-40°C to +85°C
Note 1: These parameters are characterized but not tested in manufacturing.
2: Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com