Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1119 Datasheet(PDF) 13 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 13 Page - ams AG

Back Button AS1119 Datasheet HTML 9Page - ams AG AS1119 Datasheet HTML 10Page - ams AG AS1119 Datasheet HTML 11Page - ams AG AS1119 Datasheet HTML 12Page - ams AG AS1119 Datasheet HTML 13Page - ams AG AS1119 Datasheet HTML 14Page - ams AG AS1119 Datasheet HTML 15Page - ams AG AS1119 Datasheet HTML 16Page - ams AG AS1119 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
12 - 30
AS1119
Datasheet - Detailed Descr i pti on
Figure 18. Command and Single Data Byte received by AS1119
Figure 19. Setting the Pointer to a Address Register to select a Data Register for a Read Operation
Figure 20. Reading n Bytes from AS1119
Initial Power-Up
On initial power-up, the AS1119 registers are reset to their default values, the display is blanked, and the device goes into shutdown mode. At
this time, all registers should be programmed for normal operation.
Note:
The default settings enable only scanning of one digit; the internal decoder is disabled and the Intensity Control Register (see page
16
) and (see page 20) is set to the minimum values.
Shutdown Mode
The AS1119 device features two different shutdown modes. A software shutdown via shutdown register (see Shutdown Register (0x0A)
on page 26)
and a hardware shutdown via the RSTN pin.
The software shutdown disables all LED’s and stops the internal operation of the logic. A shutdown mode via the RSTN pin additionally powers
down the power-on-reset (PO) of the device. In this shutdown mode the AS1119 consumes only 100nA (typ.).
From Master to Slave
From Slave to Master
AA
P
A
S
Command Byte
Data Byte
Slave Address
A6
A5
A4
A3
A2
A1
A0
A7
D6
D5
D4
D3
D2
D1
D0
D7
Acknowledge
from AS1119
0
0
0
Acknowledge
from AS1119
Acknowledge
from AS1119
R/W
0
AS1119 Registers
Autoincrement
Memory Word
Address
1 Byte
From Master to Slave
From Slave to Master
AP
A
S
Command Byte
Slave Address
A6
A5
A4
A3
A2
A1
A0
A7
0
0
Acknowledge
from AS1119
Acknowledge
from AS1119
R/W
0
AS1119 Registers
From Master to Slave
From Slave to Master
A/A
P
A
S
First Data Byte
Second Data Byte
Slave Address
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
Not Acknowledge
from Master
0
1
0
Acknowledge
from Master
Acknowledge
from AS1119
R/W
1
AS1119 Registers
Autoincrement
Memory Word
Address
n Bytes
Autoincrement
to next address
Stop reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com