Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1119 Datasheet(PDF) 19 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 19 Page - ams AG

Back Button AS1119 Datasheet HTML 15Page - ams AG AS1119 Datasheet HTML 16Page - ams AG AS1119 Datasheet HTML 17Page - ams AG AS1119 Datasheet HTML 18Page - ams AG AS1119 Datasheet HTML 19Page - ams AG AS1119 Datasheet HTML 20Page - ams AG AS1119 Datasheet HTML 21Page - ams AG AS1119 Datasheet HTML 22Page - ams AG AS1119 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
18 - 30
AS1119
Datasheet - Regi s t er Description
3 Blocks with 5x6 LED Matrix
The AS1119 can be configured to control three seperated blocks of LEDs matrixes. This must be set via the bit D0 in the AS1119 config register
(see AS1119 Config Register (0x04) on page 24)
.
Figure 22. 5x6 LED Matrix with 3 Matrixes
In Table 12 it’s described which databit represents which LED in the matrix. Per default all databits are ‘0’, meaning no LED is on. A ‘1’ puts the
LED on.
Note:
LED A01 is the first LED of the Current Source 0 in the Matrix A. LED B01 is the first LED of the Current Source 6 in the Matrix B. and
so on.
Table 11. Dataframe Adress Structure for 3 Matrixes
Adresses (HEX code)
Current Source
On / Off
Blink
Intensity
Matrix
Matrix
Matrix
Matrix
A
B
C
A
B
C
A
B
C
A
B
C
CS0
CS6
CS12
0x00
0x01
0x12
0x13
0x24-0x2B
0x2C-0x33
CS1
CS7
CS13
0x02
0x03
0x14
0x15
0x34-0x3B
0x3C-0x43
CS2
CS8
CS14
0x04
0x05
0x16
0x17
0x44-0x4B
0x4C-0x53
CS3
CS9
CS15
0x06
0x07
0x18
0x19
0x54-0x5B
0x5C-0x63
CS4
CS10
CS16
0x08
0x09
0x1A
0x1B
0x64-0x6B
0x6C-0x73
CS5
CS11
CS17
0x0A
0x0B
0x1C
0x1D
0x74-0x7B
0x7C-0x83
Table 12. LEDs ON/OFF Register Format for 3 Matrixes Setup
Current
Source
Adress
Data
HEX
A7 A6 A5 A4 A3 A2 A1 A0
D7
D6
D5
D4
D3
D2
D1
D0
CS0, CS6,
CS12
0x00
00000
000
LED
7
LED
6
LED
5
LED
4
LED
3
LED
2
LED
1
LED
0
0x01
00000
001
X
LED
14
LED
13
LED
12
LED
11
LED
10
LED
9
LED
8
CS1, CS7,
CS13
0x02
00000
010
LED
23
LED
22
LED
21
LED
20
LED
19
LED
18
LED
17
LED
16
0x03
00000
011
X
LED
30
LED
29
LED
28
LED
27
LED
26
LED
25
LED
24
CS2, CS8,
CS14
0x04
00000
100
LED
39
LED
38
LED
37
LED
36
LED
35
LED
34
LED
33
LED
32
0x05
00000
101
X
LED
46
LED
45
LED
44
LED
43
LED
42
LED
41
LED
40
Matrix A
Matrix B
Matrix C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com