Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1119 Datasheet(PDF) 22 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 22 Page - ams AG

Back Button AS1119 Datasheet HTML 18Page - ams AG AS1119 Datasheet HTML 19Page - ams AG AS1119 Datasheet HTML 20Page - ams AG AS1119 Datasheet HTML 21Page - ams AG AS1119 Datasheet HTML 22Page - ams AG AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
21 - 30
AS1119
Datasheet - Regi s t er Description
Control-Registers
The AS1119 devices contain 13 control-registers which are listed in Table 15. All registers are selected using a 8-bit address word, and com-
munication is done via the serial interface. Select the Control Register via the Register Selection (see Table 6 on page 13).
ACS5
LED80
0xA4
101001
00
255 steps for intensity each single LED
LED81
0xA5
101001
01
LED82
0xA6
101001
10
LED83
0xA7
101001
11
LED84
0xA8
101010
00
B
CS11
LED85
0xA9
1
0
1
0
1
0
0
1
LED86
0xAA
1
0
1
0
1
0
1
0
LED87
0xAB
1
0
1
0
1
0
1
1
LED88
0xAC
1
0
1
0
1
1
0
0
LED89
0xAD
1
0
1
0
1
1
0
1
C
CS17
LED90
0xAE
1
0
1
0
1
1
1
0
LED91
0xAF
1
0
1
0
1
1
1
1
LED92
0xB0
1
0
1
1
0
0
0
0
LED93
0xB1
1
0
1
1
0
0
0
1
LED94
0xB2
1
0
1
1
0
0
1
0
Table 15. Control Register Address Map
Register Name
HEX
Register Address
Register Data
A7
A6
A5
A4
A3
A2
A1
A0
D7:D0
Frame Address
0x00
0
0
0
0
0
0
0
0
(see Table 16 on page 22)
Frame Play
0x01
0
0
0
0
0
0
0
1
(see Table 17 on page 22)
Frame Time
0x02
0
0
0
0
0
0
1
0
(see Table 18 on page 23)
Display Option
0x03
0
0
0
0
0
0
1
1
(see Table 19 on page 23)
AS1119 Config
0x04
0
0
0
0
0
1
0
0
(see Table 20 on page 24)
Current Source Matrix A
0x05
0
0
0
0
0
1
0
1
(see Table 21 on page 25)
Current Source Matrix B
0x06
0
0
0
0
0
1
1
0
Current Source Matrix C
0x07
0
0
0
0
0
1
1
1
Chare Pump Config
0x08
0
0
0
0
1
0
0
0
(see Table 22 on page 25)
Open/Short Test
0x09
0
0
0
0
1
0
0
1
(see Table 23 on page 26)
Shutdown
0x0A
0
0
0
0
1
0
1
0
(see Table 24 on page 26)
I²C Interface Monitoring
0x0B
0
0
0
0
1
0
1
1
(see Table 25 on page 26)
Open/Short Status
0x0C
0
0
0
0
1
1
0
0
(see Table 26 on page 27)
AS1119 Status
0x0D
0
0
0
0
1
1
0
1
(see Table 27 on page 27)
Table 14. LEDs Intensity Register Format for 3 Matrixes Setup
Matrix
Current
Source
Address
Data
HEX
A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com