Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1119 Datasheet(PDF) 28 Page - ams AG

Part # AS1119
Description  144-LED Cross-Plexing Driver with 320mA Charge-Pump
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1119 Datasheet(HTML) 28 Page - ams AG

Back Button AS1119 Datasheet HTML 23Page - ams AG AS1119 Datasheet HTML 24Page - ams AG AS1119 Datasheet HTML 25Page - ams AG AS1119 Datasheet HTML 26Page - ams AG AS1119 Datasheet HTML 27Page - ams AG AS1119 Datasheet HTML 28Page - ams AG AS1119 Datasheet HTML 29Page - ams AG AS1119 Datasheet HTML 30Page - ams AG AS1119 Datasheet HTML 31Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1119
Revision 1.04
27 - 30
AS1119
Datasheet - Regi s t er Description
Open/Short Status Register (0x0C)
This is a read only register. Within this register the result of the open/short test can be read out. It’s also stated if the test is completed or still run-
ning. The default setting of this register is 0x00.
AS1119 Status Register (0x0D)
This is a read only register. From this register the actual status of the AS1119 can be read out. The default setting of this register is 0x00. After an
read command the bits 5:4 are set to ‘0’ again automatically.
Table 26. Open/Short Status Register Format
0x0C Open/Short Status Register
Bit
Bit Name
Default
Access
Bit Description
7-
0
n/a
6
status
0
R
0: no test
1: test ongoing
5
short test result
Matrix C
0
R
0: no error detected
1: short in Matrix C
4
short test result
Matrix B
0
R
0: no error detected
1: short in Matrix B
3
short test result
Matrix A
0
R
0: no error detected
1: short in Matrix A
2
open test result
Matrix C
0
R
0: no error detected
1: open in Matrix C
1
open test result
Matrix B
0
R
0: no error detected
1: open in Matrix B
0
open test result
Matrix A
0
R
0: no error detected
1: open in Matrix A
Table 27. AS1119 Status Register Register Format
0x0D AS1119 Status Register
Bit
Bit Name
Default
Access
Bit Description
7-
0
n/a
6
Movie status
R
0: no movie is playing
1: one movie is playing
5:4
Interrupt
00
R
00: no Interrupt triggered
01: POR triggered an interrupt
1
10: I²C monitor triggered an interrupt
11: both (I²C and POR) triggered an interrupt
1. The power-on reset is part of the start sequence, hence after start-up this bit is also set.
3:0
actual displayed frame
000
R
000: frame 0
001: frame 1
010: frame 2
011: frame 3
100: frame 4
101: frame 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com