Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 8 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 8 Page - ams AG

Back Button AS1340 Datasheet HTML 4Page - ams AG AS1340 Datasheet HTML 5Page - ams AG AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG AS1340 Datasheet HTML 11Page - ams AG AS1340 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
8 - 17
AS1340
Datasheet - Ty pical Operating Characteristics
Figure 21. Transient Line Regulation;
VOUT = 18V, ILOAD = 1mA
Figure 22. Transient Line Regulation;
VOUT = 18V, ILOAD = 20mA
500µs/Div
500µs/Div
Figure 23. Output Voltage Ripple;
VOUT = 18V, IOUT = 1mA
Figure 24. Output Voltage Ripple;
VOUT = 18V, IOUT = 20mA
1µs/Div
VIN = 5.5V
VIN = 3.3V
VIN = 2.7V
2ms/Div
VIN = 5.5V
VIN = 3.3V
VIN = 2.7V
Figure 25. Load Transient Response;
VIN = 5.5V, VOUT = 18V
Figure 26. Fixed Frequency vs. Powersave Operation;
VIN = 2.7V, VOUT = 18V
2ms/Div
2ms/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com