Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 10 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 10 Page - ams AG

Back Button AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG AS1340 Datasheet HTML 11Page - ams AG AS1340 Datasheet HTML 12Page - ams AG AS1340 Datasheet HTML 13Page - ams AG AS1340 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
10 - 17
AS1340
Datasheet - Application In form atio n
9 Application Information
9.1 Power Supply Concept
The AS1340 has an operating voltage range from 2.7 to 5.5V. If the inductor is supplied from the same source the battery disconnect switch can
be used as well (see Figure 1 on page 1). In case that a input voltage source is higher than 5.5V, the inductor can be supplied separately up to
50V (see Figure 28), but then the battery disconnect switch cannot be used, because its operating voltage range is limited to 5.5V.
9.2 Shutdown
A logic low on pin EN shuts down the AS1340 and a logic high on EN powers on the device.
In shutdown mode the supply current drops to below 1µA to maximize battery life. In case that the battery disconnect switch is used, the battery
is disconnected from the output during shutdown.
Note:
Pin EN should not be left floating. If the shutdown feature is not used, connect EN to VIN.
9.3 Battery Disconnect
The AS1340 has an integrated switch that can be used to disconnect the battery during shutdown. The operation voltage of this switch is limited
to 5.5V. When EN is high, the switch is closed and supplies the inductor. Due to the RON resistance the efficiency is slightly lower if the battery
disconnect switch is used.
PLOSS = IIN² x RON
(EQ 1)
9.4 Setting Output Voltage
Output voltage can be adjusted by connecting a voltage divider between pins LX and FB (see Figure 28).
Figure 28. Typical Application (SWVIN and SWOUT not in use)
The output voltage can be adjusted by selecting different values for R1 and R2. For R2, select a value between 10k and 200k
.
Calculate R1 by:
(EQ 2)
Where:
VOUT = VIN to 50V, VFB = 1.25V
The input bias current of FB has a maximum value of 100nA which allows for large-value resistors. For less than 1% error, the current through R2
should be 100 times the feedback input bias current (IFB).
Supply
2.7V to VOUT
1
EN
7,9
GND
2
VCC
8
FB
5
LX
On
Off
R1
2.2M
VOUT = 18V
AS1340
L1
4.7µH
C1
0.1µF
CIN
10µF
D1
COUT
1µF
R2
165k
3
SWVIN
6
SWOUT
4
POK
VIN
= 2.7V
to 5.5V
R
1
R
2
V
OUT
V
FB
-------------
1
–


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com