Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 4 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 4 Page - ams AG

  AS1340 Datasheet HTML 1Page - ams AG AS1340 Datasheet HTML 2Page - ams AG AS1340 Datasheet HTML 3Page - ams AG AS1340 Datasheet HTML 4Page - ams AG AS1340 Datasheet HTML 5Page - ams AG AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
4 - 17
AS1340
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
VCC = EN = 2.7V, TAMB = -40 to +85ºC (unless otherwise specified). Typical values are at TAMB = +25ºC.
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
TAMB
Operating Temperature Range
-40
+85
°C
VCC
Supply Voltage
2.7
5.5
V
VIN
Inductor Input Voltage Range
2.7
50
V
VOUT
Output Voltage Range
2.7
50
V
ICC
Quiescent Supply Current
VFB = 1.3V, VIN = 5V
30
50
µA
Enable Supply Current
EN = GND
0.1
1
µA
VLNR
VCC Line Regulation
VOUT = 18V, ILOAD = 1mA, VIN = 5.5V,
VCC = 2.7 to 5.5V
0.3
%/V
VIN Line Regulation
VOUT = 18V, ILOAD = 1mA,
VCC = 5V, VIN = 2.7 to 5.5V
0.25
%/V
VLDR
Load Regulation
VOUT = 18V, VCC = VIN = 5V, ILOAD = 0 to
20mA
0.02
%/mA
Efficiency
L1 = 10µH, VIN = 5.5V, VOUT = 20V, ILOAD =
100mA
88
%
VFB
Feedback Set Point
1.225
1.25
1.275
V
IFB
Feedback Input Bias Current
VFB = 1.3V
5
100
nA
DC-DC Switches
VOUT max
VIN = 5.5V, ILOAD = 0mA
50
V
ILX(MAX)
LX Switch Current Limit
VIN = 5.5V, ILOAD > 20mA
1.41
A
RLX
LX On-Resistance
VCC = 5.5V, ILX = 100mA
0.6
RP_ON
Switch On-Resistance
VIN = 5.5V, PMOS
0.2
ILX_LEAK
LX Leakage Current
VLX = 50V
2
µA
IP_LEAK
Switch Leakage Current
VIN = 5.5V, PMOS
0.5
Control Inputs
VIH
EN Input Threshold
2.7V
VCC  5.5V
0.8 x
VCC
V
VIL
0.2 x
VCC
IEN
EN Input Bias Current
VCC = 5.5V, VEN = 0 to 5.5V
-1
+1
µA
POK Output
VOL
POK Output Low Voltage
POK sinking 1mA
0.01
0.2
V
POK Output High Leakage Current
POK = 5.5V
100
500
nA
POK Threshold
Rising edge, referenced to VOUT(NOM)
87
90
93
%
Oscillator
fCLK
Oscillator Frequency
0.85
1
1.15
MHz
Maximum Duty Cycle
85
90
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com