Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 13 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 13 Page - ams AG

Back Button AS1340 Datasheet HTML 9Page - ams AG AS1340 Datasheet HTML 10Page - ams AG AS1340 Datasheet HTML 11Page - ams AG AS1340 Datasheet HTML 12Page - ams AG AS1340 Datasheet HTML 13Page - ams AG AS1340 Datasheet HTML 14Page - ams AG AS1340 Datasheet HTML 15Page - ams AG AS1340 Datasheet HTML 16Page - ams AG AS1340 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
13 - 17
AS1340
Datasheet - Application In form atio n
9.7 Capacitor Selection
A 4.7µF capacitor is recommended for CIN as well as a 2µF for COUT. Small-sized ceramic capacitors are recommended. X5R and X7R
ceramic capacitors are recommend as they retain capacitance over wide ranges of voltages and temperatures.
9.7.1 Output Capacitor Selection
Low ESR capacitors should be used to minimize VOUT ripple. Multi-layer ceramic capacitors are recommended since they have extremely low
ESR and are available in small footprints. A 2.2 to 10µF output capacitor is sufficient for most applications. Larger values up to 22µF may be
used to obtain extremely low output voltage ripple and improve transient response.
X5R and X7R dielectric materials are recommended due to their ability to maintain capacitance over wide voltage and temperature ranges.
9.7.2 Input Capacitor Selection
Low ESR input capacitors reduce input switching noise and reduce the peak current drawn from the battery. Ceramic capacitors are
recommended for input decoupling and should be located as close to the device as is practical. A 4.7µF input capacitor is sufficient for most
applications. Larger values may be used without limitations.
9.7.3 Diode Selection
A Schottky diode must be used to carry the output current for the time it takes the PMOS synchronous rectifier to switch on.
Note:
Do not use ordinary rectifier diodes, since the slow recovery times will compromise efficiency.
9.8 Thermal Protection
To protect the device from short circuit or excessive power dissipation of the auxiliary NPNs, the integrated thermal protection switches off the
device when the junction temperature (TJ) reaches 145ºC (typ). When TJ decreases to approximately 125ºC, the device will resume normal
operation. If the thermal overload condition is not corrected, the device will switch on and off while maintaining TJ within the range between
125ºC and 145ºC.
Table 5. Recommended Output Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM31MR71H105KA88
1µF
X7R
50V
C1206
Murata
www.murata.com
GRM32ER71H475KA88
4.7µF
X7R
50V
C1210
C1206C105K5RAC
1µF
X7R
50V
C1206
Kemet
www.kemet.com
C1206C225K5RAC
2.2µF
X7R
50V
C1210
1206C105KAT2A
1µF
X7R
50V
C1206
AVX
www.avx.com
Table 6. Recommended Input Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM21BR71C105KA01
1µF
X7R
16V
C0805
Murata
www.murata.com
GRM21BR61C225KA88
2.2µF
X7R
16V
C0805
GRM32DR71C106KA01
10µF
X7R
16V
C1210
Table 7. Recommended Diodes
Part Number
Reverse Voltage
Forward Current
Package
Manufacturer
PMEG4010BEA
40V
1A
SOD123
Philips
www.nxp.com
MBR0540
40V
500mA
SOD123
MCC
www.mccsemi.com
MBR0560
60V
500mA
SOD123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com