Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1340 Datasheet(PDF) 2 Page - ams AG

Part # AS1340
Description  50V, Micropower, DC-DC Boost Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1340 Datasheet(HTML) 2 Page - ams AG

  AS1340 Datasheet HTML 1Page - ams AG AS1340 Datasheet HTML 2Page - ams AG AS1340 Datasheet HTML 3Page - ams AG AS1340 Datasheet HTML 4Page - ams AG AS1340 Datasheet HTML 5Page - ams AG AS1340 Datasheet HTML 6Page - ams AG AS1340 Datasheet HTML 7Page - ams AG AS1340 Datasheet HTML 8Page - ams AG AS1340 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ams.com/DC-DC_Step-Up/AS1340
Revision 1.20
2 - 17
AS1340
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1EN
Active-High Enable Input. A logic low on this pin shuts down the device and reduces the supply
current to 0.1µA.
Note:
Connect to VCC for normal operation.
2VCC
+2.7V to +5.5V Supply Voltage. Bypass this pin to GND with a
1µF capacitor.
3SWVIN
Shutdown Disconnect Switch In
4POK
Power-OK.
0 = VOUT < 90% of VOUTNOM.
1 = VOUT > 90% of VOUTNOM.
5LX
Inductor. The drain of the internal N-channel MOSFET.
Note:
This pin is high impedance in shutdown.
6SWOUT
Shutdown Disconnect Switch Out. Disconnects the input from the output during shutdown.
7GND
Ground. This pin and pin 9 must be connected to GND to ensure normal operation.
8FB
Feedback Pin. Feedback input to the gm error amplifier. Connect a resistor divider tap to this pin. The
output voltage can be adjusted from VIN to 50V by:
VOUT = 1.25V[1 + (R1/R2)]
9GND
Ground. This pin and pin 7 must be connected to GND to ensure normal operation.
5 LX
3
SWVIN
2
VCC
1
EN
8 FB
AS1340
4
POK
7GND
6SWOUT
9
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com