Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1751 Datasheet(PDF) 7 Page - ams AG

Part # AS1751
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1751 Datasheet(HTML) 7 Page - ams AG

Back Button AS1751 Datasheet HTML 3Page - ams AG AS1751 Datasheet HTML 4Page - ams AG AS1751 Datasheet HTML 5Page - ams AG AS1751 Datasheet HTML 6Page - ams AG AS1751 Datasheet HTML 7Page - ams AG AS1751 Datasheet HTML 8Page - ams AG AS1751 Datasheet HTML 9Page - ams AG AS1751 Datasheet HTML 10Page - ams AG AS1751 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
6 - 16
AS1751/AS1752/AS1753
Data Sheet - Ty pi cal Operating Characte ristics
7 Typical Operating Characteristics
Figure 4. Frequency Response
Figure 5. Total Harmonic Distortion vs. Frequency
Figure 6. Turn On/Turn Off Time vs. Temperature
Figure 7. Turn On/Off Time vs. Supply Voltage
Figure 8. RON vs. VCOM and Temperature; VDD = 2.7V
Figure 9. RON vs. VCOM
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0.01
0.1
1
10
100
1000
Frequency (MHz)
Bandwidth
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
1
10
100
1000
10000 100000
Frequency (Hz)
VDD = 3V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
1.6
2
2.4
2.8
3.2
3.6
Supply Voltage (V)
tON
tOFF
0
2
4
6
8
10
12
14
16
18
20
-40
-15
10
35
60
85
Temperature (°C)
tON
tOFF
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
0.5
1
1.5
2
2.5
3
VCOM (V)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.5
1
1.5
2
2.5
3
3.5
VCOM (V)
Temp = -40ºC
VDD = 1.8V
VDD = 2.5V
VDD = 2.7V
VDD = 3V
VDD = 3.6V
VDD = 2V
VDD = 3.3V
Temp = +25ºC
Temp = +85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com