Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1751 Datasheet(PDF) 14 Page - ams AG

Part # AS1751
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1751 Datasheet(HTML) 14 Page - ams AG

Back Button AS1751 Datasheet HTML 9Page - ams AG AS1751 Datasheet HTML 10Page - ams AG AS1751 Datasheet HTML 11Page - ams AG AS1751 Datasheet HTML 12Page - ams AG AS1751 Datasheet HTML 13Page - ams AG AS1751 Datasheet HTML 14Page - ams AG AS1751 Datasheet HTML 15Page - ams AG AS1751 Datasheet HTML 16Page - ams AG AS1751 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
13 - 16
AS1751/AS1752/AS1753
Data Sheet - Ap p lica tio n In fo r m a tio n
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters; angles in degrees.
3. N is the total number of terminals.
4. The terminal #1 identifier and terminal numbering convention shall conform to JEDEC 95 SPP-012. Details of termi-
nal #1 identifier are optional but must be located within the zone indicated. The terminal #1 identifier may be either
a mold or marked feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip. If one end
of the terminal has the optional radius, the b dimension should not be measured in that radius area.
6. Dimensions ND and NE refer to the number of terminals on each D and E side, respectively.
7. Depopulation is possible in a symmetrical fashion.
8. Figure 19 is shown for illustration only and does not represent any specific variation.
9. All variations may be constructed per Figure 19, however variations may alternately be constructed between square
or rectangle shape per dimensions D and E.
10. Refer to the Dimensions Table for a complete set of dimensions.
11. Bilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
12. Depending on the method of lead termination at the edge of the package, pullback (L1) may be present. L minus
L1 to be
≥ 0.33mm.
13. For variations with more than one lead count for a given body size and terminal pitch, each lead count for that vari-
ation is denoted by a dash number (e.g., -1 or -2).
14. NJR designates non-JEDEC registered package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com