Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1751 Datasheet(PDF) 2 Page - ams AG

Part # AS1751
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1751 Datasheet(HTML) 2 Page - ams AG

  AS1751 Datasheet HTML 1Page - ams AG AS1751 Datasheet HTML 2Page - ams AG AS1751 Datasheet HTML 3Page - ams AG AS1751 Datasheet HTML 4Page - ams AG AS1751 Datasheet HTML 5Page - ams AG AS1751 Datasheet HTML 6Page - ams AG AS1751 Datasheet HTML 7Page - ams AG AS1751 Datasheet HTML 8Page - ams AG AS1751 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AS1751 , AS1752, AS1753
High-Speed, Low-Volta ge, Single-Supply,
0.9
Ω, Quad SPST Analog Switches
www.austriamicrosystems.com
Revision 1.41
1 - 16
Dat a Sh eet
1 General Description
The AS1751/AS1752/AS1753 are high-speed, low-volt-
age, quad single-pole/single-throw (SPST) analog
switches.
Fast switching speeds, low ON-resistance, and low
power consumption make these devices ideal for single-
cell battery powered applications.
These highly-reliable devices operate from a single +1.6
to +3.6V supply, and are differentiated by the type and
number of switches:
!
AS1751 – Four normally open (NO) switches
!
AS1752 – Four normally closed (NC) switches
!
AS1753 – Two NO switches and Two NC switches
The AS1753 supports break-before-make switching.
With very low ON-resistance (RON), RON matching and
RON flatness, the devices can accurately switch signals
for sample and hold circuits, digital filters, and op-amp
gain switching networks.
The AS1751/AS1752/AS1753 digital logic input is 1.8V
CMOS-compatible when using a +3V supply, and all
devices can handle Rail-to-Rail signals.
The devices are available in a 3mm x 3mm 16-pin TQFN
package and a 14-pin TSSOP package.
Figure 1. 14-pin TSSOP Block Diagrams
2 Key Features
!
ON-Resistance:
-0.9
Ω (+3V supply)
-2.5
Ω (+1.8V supply)
!
RON Matching:
-0.12
Ω (+3V supply)
-0.25
Ω (+1.8V supply)
!
RON Flatness: 0.1
Ω (+3V Supply)
!
Supply Voltage Range: +1.6 to +3.6V
!
Switching Speed: tON = 22ns, tOFF = 14ns
!
Current-Handling: 250mA Continuous
!
Break-Before-Make Switching (AS1753)
!
Rail-to-Rail Signal Handling
!
1.8V CMOS Logic Compatible (+3V Supply)
!
Operating Temperature Range: -40 to +85ºC
!
Package Types:
- 16-pin TQFN (3mm x 3mm)
- 14-pin TSSOP
3 Applications
The devices are ideal for use in power routing systems,
cordless and mobile phones, MP3 players, CD and DVD
players, PDAs, handheld computers, digital cameras,
hard drives, and any other application where high-speed
signal switching is required.
AS1752
1
NC1
2
COM1
3
NC2
4
COM2
5
IN2
6
IN3
7
GND
14
V+
13
IN1
12
IN4
11
NC4
10
COM4
9
COM3
8
NC3
AS1753
1
NO1
2
COM1
3
NC2
4
COM2
5
IN2
6
IN3
7
GND
14
V+
13
IN1
12
IN4
11
NC4
10
COM4
9
COM3
8
NO3
AS1751
1
NO1
2
COM1
3
NO2
4
COM2
5
IN2
6
IN3
7
GND
14
V+
13
IN1
12
IN4
11
NO4
10
COM4
9
COM3
8
NO3
Device
Input
Switch State
AS1751
Low
Off
High
On
AS1752
Low
On
High
Off
AS1753
Low
Switches 1, 3 = Off
Switches 2, 4 = On
High
Switches 1, 3 = On
Switches 2, 4 = Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com