Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1751 Datasheet(PDF) 6 Page - ams AG

Part # AS1751
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1751 Datasheet(HTML) 6 Page - ams AG

Back Button AS1751 Datasheet HTML 2Page - ams AG AS1751 Datasheet HTML 3Page - ams AG AS1751 Datasheet HTML 4Page - ams AG AS1751 Datasheet HTML 5Page - ams AG AS1751 Datasheet HTML 6Page - ams AG AS1751 Datasheet HTML 7Page - ams AG AS1751 Datasheet HTML 8Page - ams AG AS1751 Datasheet HTML 9Page - ams AG AS1751 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
5 - 16
AS1751/AS1752/AS1753
Data Sheet - El ectrical Characte ristics
V+ = +1.8V, VIH = +1.0V, VIL = 0.4V, TAMB = TMIN to TMAX (unless otherwise specified). Typ values @ TAMB = +25ºC.
1.
ΔRON = RON(MAX) - RON(MIN).
2. Flatness is defined as the difference between the maximum and the minimum value of ON-resistance as measured
over the specified analog signal ranges.
3. Guaranteed by design.
4. Off-Isolation = 20log10(VCOMx/VNOx), VCOMx = output, VNOx = input to off switch.
5. Between two switches.
VISO
Off-Isolation
4
f = 10MHz, RLOAD = 50
Ω, CLOAD = 5pF, Figure 18
-40
dB
f = 1MHz, RLOAD = 50
Ω, CLOAD = 5pF, Figure 18
-55
Crosstalk
5
f = 10MHz, RLOAD = 50
Ω, CLOAD = 5pF, Figure 18
-70
dB
f = 1MHz, RLOAD = 50
Ω, CLOAD = 5pF, Figure 18
-80
THD
Total Harmonic
Distortion
f = 20Hz to 20kHz, VCOMx = 2Vp-p, RLOAD = 32
Ω
0.033
%
Logic Input
VIH
Input Logic High
1.4
V
VIL
Input Logic Low
0.5
V
IIN
Input Leakage Current
VINx = 0 or V+
-1
0.0001
+1
µA
Table 5. +1.8V Supply Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog Switch
VCOMx,
VNOx, VNCx
Analog Signal
Range
0V+
V
RON
ON-Resistance
V+ = 1.8V, ICOMx = 10mA,
VNOx or VNCx = 0.9V
TAMB = +25ºC
0.9
2.5
Ω
TAMB = TMIN to TMAX
3
ΔRON
ON-Resistance
Match Between
Channels
1
V+ = 1.8V, ICOMx = 10mA,
VNOx or VNCx = 0.9V
TAMB = +25ºC
0.05
0.25
Ω
TAMB = TMIN to TMAX
0.25
Switch Dynamic Characteristics
tON
Turn On Time
3
VNOx or VNCx = 1.0V,
RLOAD = 50
Ω, CLOAD = 35pF,
Figures 13, 14
TAMB = +25ºC
22
30
ns
TAMB = TMIN to TMAX
35
tOFF
Turn Off Time
3
VNOx or VNCx = 1.0V,
RLOAD = 50
Ω, CLOAD = 35pF,
Figures 13, 14
TAMB = +25ºC
12
20
ns
TAMB = TMIN to TMAX
25
Q
Charge Injection
VGEN = V+, RGEN = 0, CLOAD = 1.0nF, Figure 16
1pC
Logic Input
VIH
Input Logic High
1.0
V
VIL
Input Logic Low
0.4
V
IIN
Input Leakage
Current
VINx = 0 or V+
-1
0.0001
+1
µA
Table 4. +3V Supply Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com