Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1751 Datasheet(PDF) 10 Page - ams AG

Part # AS1751
Description  High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1751 Datasheet(HTML) 10 Page - ams AG

Back Button AS1751 Datasheet HTML 6Page - ams AG AS1751 Datasheet HTML 7Page - ams AG AS1751 Datasheet HTML 8Page - ams AG AS1751 Datasheet HTML 9Page - ams AG AS1751 Datasheet HTML 10Page - ams AG AS1751 Datasheet HTML 11Page - ams AG AS1751 Datasheet HTML 12Page - ams AG AS1751 Datasheet HTML 13Page - ams AG AS1751 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.austriamicrosystems.com
Revision 1.41
9 - 16
AS1751/AS1752/AS1753
Data Sheet - Ap p lica tio n In fo r m a tio n
9 Application Information
Power Supply Sequencing
Proper power-supply sequencing is critical for proper switch operation. The power supplies should be started up in the
following sequence:
1. V+
2. NOx, NCx, COMx
Note: Do not exceed the absolute maximum ratings (see page 2).
Overvoltage Protection
ON-resistance increases slightly at lower supply voltages.
Figure 12. Overvoltage Protection using 2 External Blocking Diodes
Adding diode D2 to the circuit shown in Figure 12 causes the logic threshold to be shifted relative to GND. Diodes D1
and D2 also protect against overvoltage conditions.
For example, in the circuit shown in Figure 12, if the supply voltage goes below the absolute maximum rating, and if a
fault voltage up to the absolute maximum rating is applied to an analog signal pin, no damage will result.
Power Supply Bypass
Power supply connections to the devices must maintain a low impedance to ground. This can be done using a bypass
capacitor, which will also improve noise margin and prevent switching noise propagation from the V+ supply to other
components.
A 0.1µF bypass capacitor, connected from V+ to GND (see Figure 18 on page 11), is adequate for most applications.
Logic Inputs
Driving INx Rail-to-Rail will help minimize power consumption.
Layout Considerations
High-speed switches require proper layout and design procedures for optimum performance.
!
Short, wide traces should be used to reduce stray inductance and capacitance.
!
Bypass capacitors should be as close to the device as possible.
!
Large ground planes should be used wherever possible.
AS1751/AS1752/AS1753
GND
VGEN
COMx
D2
D1
V+
V+
NOx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com