Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3517 Datasheet(PDF) 75 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 75 Page - ams AG

Back Button AS3517 Datasheet HTML 71Page - ams AG AS3517 Datasheet HTML 72Page - ams AG AS3517 Datasheet HTML 73Page - ams AG AS3517 Datasheet HTML 74Page - ams AG AS3517 Datasheet HTML 75Page - ams AG AS3517 Datasheet HTML 76Page - ams AG AS3517 Datasheet HTML 77Page - ams AG AS3517 Datasheet HTML 78Page - ams AG AS3517 Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Table 75 PMU CVDD3 Register
Name
Base
Default
PMU CVDD3
2-wire serial
0x00
CVDD3 DC/DC Buck Regulator Control Register
Offset: 17h-5
This is an extended register and needs to be enabled by writing 101bto Reg. 18h first.
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
SKIP_OFF_CVDD3
0
R/W
Disables pulse skip mode
0: 170mA current force / pulse skip mode enabled
1: current force / pulse skip mode disabled (only ON without
load)
6
PROG_CVDD3
0
R/W
Enables settings either selected by external pin (VPRGx) or
settings stored in the 17h-5 register
0: VPRGx pins controlled
1: Register controlled
5:0
VSEL_CVDD3
00000
R/W
The voltage select bits set the DC/DC output voltage level and
power the DC/DC converter down.
00000: DC/DC powered down
01h until 38h in 50mV steps
CVDD2=0.6V+VSEL_CVDD1*50mV
(0.65V until 3.4V)
38h until 3Fh = 3.4V (no change)
Table 76 PMU Hibernate Register
Name
Base
Default
PMU Hibernate
2-wire serial
00h
PMU Hibernation Control Register (PVDD1/2, CVDD1/2/3, VLED)
Offset: 17h-6
Hibernation is started when writing to this register.
This is an extended register and needs to be enabled by writing 110b to Reg. 18h first.
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
0
n/a
6
KEEP_PVDD2
0
R/W
Keeps the programmed PVDD2 level during hibernation
0: power down PVDD2
1: keep PVDD2
5
KEEP_PVDD1
0
R/W
Keeps the programmed PVDD1 level during hibernation
0: power down PVDD1
1: keep PVDD1
4
KEEP_VLED
0
R/W
Keeps the 15V DC/DC step-up for backlight switched on
0: power down CVDD1
1: keep CVDD1
3
KEEP_VBUS
0
R/W
Keeps the programmed VBUS level during hibernation
0: power down CVDD2
1: keep CVDD2
2
KEEP_CVDD3
0
R/W
Keeps the programmed CVDD3 level during hibernation
0: power down CVDD3
1: keep CVDD3
1
KEEP_CVDD2
0
R/W
Keeps the programmed CVDD2 level during hibernation
0: power down CVDD2
1: keep CVDD2
0
KEEP_CVDD1
0
R/W
Keeps the programmed CVDD1 level during hibernation
0: power down CVDD1
1: keep CVDD1
Revision 1v3
74
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com