Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3517 Datasheet(PDF) 13 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 13 Page - ams AG

Back Button AS3517 Datasheet HTML 9Page - ams AG AS3517 Datasheet HTML 10Page - ams AG AS3517 Datasheet HTML 11Page - ams AG AS3517 Datasheet HTML 12Page - ams AG AS3517 Datasheet HTML 13Page - ams AG AS3517 Datasheet HTML 14Page - ams AG AS3517 Datasheet HTML 15Page - ams AG AS3517 Datasheet HTML 16Page - ams AG AS3517 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
8.1
Operating Conditions
8.1.1
Supply Voltages
Table 5
Operating conditions for supply voltages
Symbol
Parameter
Min
Max
Unit
Note
BVDDx
Battery Supply Voltage
BVDD, BVDDH, BVDDC1,
BVDDC2, BVDDC3, BVDDR
3.0
5.5
V
VBUS
USB VBUS Voltage
4.0
5.5
V
CHG_IN
Charger Supply Voltage
4.5
5.5
V
DVDD
Digital Supply Voltage
2.8
3.6
V
Digital Audio Supply Voltage (LDO2)
AVDD
Analogue Supply Voltage
2.8
3.6
V
Analog Audio Supply Voltage (LDO1)
AGND
Analogue Ground Voltage
AVDD/2
VDELTA-
Difference of Negative
Supplies
CVSS1, CVSS2, CVSS3,
CVSS15, VSSH, AVSS, DVSS
-0.1
0.1
V
To achieve good performance, the
negative supply terminals should be
connected to low impedance ground
plane.
VDELTA+
Difference of Positive Supplies
-0.25
0.25
V
AVDD-DVDD
Table 6
Electrical Specification of other function blocks
Symbol
Parameter
Min
Typ
Max
Unit
Note
VPOR_ON
Power-on Reset Activation
Level
2.15
V
Power-on Reset activation
level when DVDD
decreases
VPOR_OFF
Power-on Reset Release
Level
2.0
V
Power-on Reset release
when DVDD increases
VPOR_HY
Power-on Hysterisis
100
mV
fLRCLK_WD
LRCLK Frequency
Watchdog
2
4.1
8
kHz
tON_DELAY
Delay Time of pin PWRUP
10
ms
Minimum key press time
VDO_L
Digital Output Driver
Capability (drive LOW)
0.3
V
Pins XRES, XIRQ,
PWGD @ 8mA, SDO
VDO_H
Digital Output Driver
Capability (drive HIGH)
2.6
V
Pins XRES, XIRQ @ 8mA,
push/pull mode only, SDO
IPU
Internal Pull-up Current
Source
10
µA
Pins XRES, XIRQ, PWGD
VPWRUP_L
Digital Input Level LOW,
BVDD>3V
0.5
V
Pin PWRUP
VPWRUP_H
Digital Input Level HIGH,
BVDD>3V
BVVD/3
V
Pin PWRUP
VPWRUP_H
Digital Input Level HIGH,
BVDD<=3V
1
V
Pin PWRUP
RPWRUP
Internal Pull-down resistor
360
k
Ω
Pin PWRUP
VDI_L
Digital Input Level LOW
DVDD/2
*0.3
0.42
V
Pin HBT, SDI, SCLK,
MCLK, LRCK
VDI_H
Digital Input Level HIGH
1.02
DVDD/2
*0.7
V
Pin HBT, SDI, SCLK,
MCLK, LRCK
IPD
Internal Pull-down current
source
10
µA
Pin HBT
fCLK
Audio Clock Frequency
8
48
kHz
LRCK according to
streamed audio data
Revision 1v3
12
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com