Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3517 Datasheet(PDF) 45 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 45 Page - ams AG

Back Button AS3517 Datasheet HTML 41Page - ams AG AS3517 Datasheet HTML 42Page - ams AG AS3517 Datasheet HTML 43Page - ams AG AS3517 Datasheet HTML 44Page - ams AG AS3517 Datasheet HTML 45Page - ams AG AS3517 Datasheet HTML 46Page - ams AG AS3517 Datasheet HTML 47Page - ams AG AS3517 Datasheet HTML 48Page - ams AG AS3517 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
VBUS Charge Pump (USB OTG Supply)
With the pin USBH_CSN and USBH_CSP connected to ground the USB-OTG mode is selected. In this mode the charge pump supplies
5V and 8mA. The charge pump uses the QLDO2 voltage as input and doubles its voltage with the help of the flying capacitor between
CP_CP and CN_GEXT to its output VBUS. If the pulse skip bit is set in the related register, the charge pump switches to pulse skip mode
for improved efficiency. Enabled pulse skip mode, however, compromises with a higher output voltage ripple.
Figure 28 VBUS CP Block Diagram
Parameter
Table 34 VBUS Generation Parameter
Symbol
Parameter
Min
Typ
Max
Unit
Note
CP Mode
ICPOUT
Output Current
8
mA
@ 4.7V output voltage
IVDD
Quiescent Current
600
µA
VCPOUT
Output Voltage
4.7
5.0
5.3
V
CFLY=100nF,ICPOUT=0..8mA
FIN
Switching frequency
375
kHz
CFLY
External flying capacitor
100
nF
ceramic, low ESR
capacitor between CP_CP
and CN_GEXT
CSTORE
External storage capacitor
1
2.2
uF
ceramic, low ESR
capacitor between VBUS
and VSS
DCDC Mode
IVDD
Quiescent Current
140
µA
Pulse Skipping mode
VRsense_max
Current Limit at Rsense
100
mV
e.g.: 1A for 0.1 Ohm sense
resistor
ILOAD
Load Current
0
500
mA
@ 5V output voltage
fIN
Fixed Switching Frequency
750
KHz
tMIN_ON
Minimum On-Time
130
ns
MDC
Maximum Duty Cycle
91
%
COUT
Output Capacitor
4.7
µF
Ceramic, +/-20%
L
Inductor
10
µH
Use inductors with small
CPARASITIC (<100pF) for
high efficiency
NSW
NMOS switch
ON-resistance of external
switching transistor max.
1
Ω
PSW
PMOS switch
ON-resistance of external
PMOS transistor as low as
possible, because of
efficiency
Rsense
Current Limit Sense Resistor
100
mΩ
e.g.: 1A for 0.1 Ohm sense
resistor
BVDD=3.3V, TA=25°C, unless otherwise specified
Revision 1v3
44
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com