Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3517 Datasheet(PDF) 3 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 3 Page - ams AG

  AS3517 Datasheet HTML 1Page - ams AG AS3517 Datasheet HTML 2Page - ams AG AS3517 Datasheet HTML 3Page - ams AG AS3517 Datasheet HTML 4Page - ams AG AS3517 Datasheet HTML 5Page - ams AG AS3517 Datasheet HTML 6Page - ams AG AS3517 Datasheet HTML 7Page - ams AG AS3517 Datasheet HTML 8Page - ams AG AS3517 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
4 Functional Overview
Keys
LCD
µController
De/Encoder
Application Processor
Flash
SD-
RAM
MMC,
SD etc
HD
Reset & WD
RTC
OSC/PLL
I²S
2w Interface
DRM ID
PMU = Voltage Supply + Supply Supervision + Power-up + Hibernation
USB
Host / OTG
SPDIF Out
PWM Out
Audio DAC
Headphone
Amplifier
Line
Outputs
Audio ADC
Microphone
Amplifier
Line
Inputs
PMU = Voltage Supply + Supply Supervision + Power-up + Hibernation
FM-
Radio
DC/DCs - LDOs
Charger
3V-5V Battery
5V Charger
AS3517
Voltage Supply
Digital Interface
Audio Signal
Revision 1v3
2
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com