Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3517 Datasheet(PDF) 19 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 19 Page - ams AG

Back Button AS3517 Datasheet HTML 15Page - ams AG AS3517 Datasheet HTML 16Page - ams AG AS3517 Datasheet HTML 17Page - ams AG AS3517 Datasheet HTML 18Page - ams AG AS3517 Datasheet HTML 19Page - ams AG AS3517 Datasheet HTML 20Page - ams AG AS3517 Datasheet HTML 21Page - ams AG AS3517 Datasheet HTML 22Page - ams AG AS3517 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
9.1.2
Microphone Inputs (2x)
General
The AFE offers two microphone inputs and 2 low noise microphone voltage supply (microphone bias), voice activation, microphone
connect detection and push button remote control.
Figure 6 Microphone Input
Microphone Preamplifier and Gain Stage
Gain Stage & Limiter
The integrated pre-amplifier allows 3 preset gain settings. There is also a limiter which attenuates high input signals from e.g. electrete
microphones signal to 1Vp. The AGC has 15 steps with a dynamic range of about 29dB. The AGC is ON by default but can be disabled by
a microphone register bit.
Apart from the microphone pre-amplifier the microphone input signal can further be amplified with 32 @1.5dB programmable logarithmic
gain steps and MUTE. All gains and MUTE are independently programmable. The gain can be set from –40.5dB to +6dB.
The stage is set to mute by default. If the microphone input is not enabled, the volume settings are set to their default values. Changing
the volume and mute control can only be done after enabling the input.
Supply & Detection
Each microphone input generates a supply voltage of 1.5V above HPHCM. The supply is designed for
≤2mA and has a 10mA current
limit. In OFF mode the MICS terminal is pulled to AVDD with 30kOhm. A current of typically 50uA generates an interrupt to inform the
CPU, that a circuit is connected. When using HPCM as headset ground the HP–stage gives the interrupt. After enabling the HP-stage
through the CPU the microphone detection interrupt will follow.
When using the MICxS terminals as ADC-10 input to monitor external voltages the 30kOhm pull-up can be disabled.
Remote Control
Fast changes of the supply current of typically 500uA are detected as a remote button press, and an interrupt is generated. Then the CPU
can start the measurement of the microphone supply current with the internal 10-bit ADC to distinguish which button was pressed. As the
current measurement is done via an internal resistor, only two buttons generating a current of about 0.5mA and 1mA can be detected.
With this 1mA as microphone bias is still available.
Voice Activation
Further a built-in voice activation comparator can actuate an interrupt if microphone input voltage of about 5mVRMS is detected.
Revision 1v3
18
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com