Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685C Datasheet(PDF) 10 Page - ams AG

Part # AS3685C
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685C Datasheet(HTML) 10 Page - ams AG

Back Button AS3685C Datasheet HTML 6Page - ams AG AS3685C Datasheet HTML 7Page - ams AG AS3685C Datasheet HTML 8Page - ams AG AS3685C Datasheet HTML 9Page - ams AG AS3685C Datasheet HTML 10Page - ams AG AS3685C Datasheet HTML 11Page - ams AG AS3685C Datasheet HTML 12Page - ams AG AS3685C Datasheet HTML 13Page - ams AG AS3685C Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AS3685C
Datasheet
www.austriamicrosystems.com/AS3685
(ptr)
1.1
9 - 21
7.1.2 Soft Start
The soft start mechanism reduces the inrush current. Battery current is smoothed when switching the
charge pump on and also at each switching condition. This precaution reduces electromagnetic radiation
significantly.
7.2 Current Source (Sink)
The AS3685 operates in three different modes:
Indicator Mode: A small (average) current is used to obtain an indication function with the flash LED (e.g.
indication for camera operation)
Torch Mode: A moderate current of e.g. 150mA allows the use of the flash LED as a torch or video light
Flash Mode: A high current of e.g. 700mA (up to 1000mA) is set for a high brightness flash. Only in this
mode, the flash timeout timer limits the total flash time.
The current through the LED and the operating mode is controlled by the two digital interface connected to SCL
and SDA.
The current is controlled with a two wire bus interface commands similar to I2C communication (device address
82h, only commands writing to the AS3685 are possible, no readback) as shown in following figure:
Figure
10 – Two wire interface waveform
Data from the bus is always captured on the rising edge of the SCL signal; therefore the data on SDA has to be
stable slightly before this rising edge.
The strobe command is merged with the interface commands and all other devices connected to the bus will
ignore these commands. Only the AS3685 will also use these commands and switch on/off the flash led with the
strobe pin (The strobe function can be enabled/disabled by the interface and its polarity is selectable):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com